Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS1233 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLS1233
Description  VIDEO PREAMPLIFIER SYSTEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLS1233 Datasheet(HTML) 3 Page - Texas Instruments

  TLS1233 Datasheet HTML 1Page - Texas Instruments TLS1233 Datasheet HTML 2Page - Texas Instruments TLS1233 Datasheet HTML 3Page - Texas Instruments TLS1233 Datasheet HTML 4Page - Texas Instruments TLS1233 Datasheet HTML 5Page - Texas Instruments TLS1233 Datasheet HTML 6Page - Texas Instruments TLS1233 Datasheet HTML 7Page - Texas Instruments TLS1233 Datasheet HTML 8Page - Texas Instruments TLS1233 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLS1233
VIDEO PREAMPLIFIER SYSTEM
SLVS126C − JULY 1995 − REVISED JUNE 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1 and VCC2
11
12
13
V
High-level input voltage range, CLAMP GATE, VIH
Clamp comparators off
2.4
5
V
Low-level input voltage range, CLAMP GATE, VIL
Clamp comparators on
0
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics at 25
°C free-air temperature range, CLAMP GATE = 0 V, CLAMP(+) = 2 V,
CONTRAST = R,G,B GAIN ADJUST = 4 V, VCC1 =VCC2 = 12 V (see Figure 2) (unless otherwise noted)
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
VCC1 + VCC2
84
94
mA
Vref
Video input reference voltage
Measure R/G/B video input
2.1
2.3
2.5
V
II
Contrast and R,G,B GAIN ADJUST
input current
Measure CONTRAST,
R/G/B GAIN ADJUST
− 0.5
-10
µA
IIL
Clamp gate low input current
CLAMP GATE = 0 V
− 0.5
− 2.4
µA
IIH
Clamp gate high input current
CLAMP GATE = 12 V
0.005
1
µA
Clamp capacitor charge current
IK(chg)
R,G,B CLAMP CAP = 0 V
1
mA
Clamp capacitor discharge current
IK(dschg)
R,G,B CLAMP CAP = 5 V
−1
mA
VOL
Low-level output voltage
R,G,B CLAMP CAP = 0 V
0.3
V
VOH
High-level output voltage
R,G,B CLAMP CAP = 5 V
7.8
V
VO(diff)
Output voltage difference
VO(diff)
Between any two channels
±0.5
±50
mV
operating characteristics at 25
°C free-air temperature, CLAMP GATE = 0 V, CLAMP(+) = 4 V,
CONTRAST = R,G,B GAIN ADJUST = 4 V, fI = 10 kHz, VCC1 = VCC2 = 12 V (unless otherwise noted)
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AV(max) Maximum voltage amplification
AVMAX
CONTRAST = 4 V,
VIPP = 700 mV
7.8
V/V
AV(mid)
Midrange voltage amplification
AVMID
CONTRAST = 2 V,
VIPP = 700 mV
2
V/V
Contrast voltage for minimum
amplification
VCONT-LOW
VI(PP) = 1 V,
See Note 3
1
V
Amplification match at AV(max)
AVmax(diff)
CONTRAST = 4 V,
See Note 4
±0.2
dB
Amplification match at AV(mid)
AVmid(diff)
CONTRAST = 2 V,
See Note 3
±0.2
dB
Amplification match at AV(low)
AVlow(diff)
CONTRAST = VCONT-LOW,
See Note 3 and 4
±0.2
dB
THD
Total harmonic distortion
CONTRAST = 1 V,
VIPP = 1 V
0.5
%
BW
Amplifier bandwidth
BW(−3 dB)
CONTRAST = 4 V,
See Notes 5 And 7
100
MHz
Crosstalk attenuation
ax
CONTRAST = 4 V,
See Note 6
f = 10 kHz,
60
dB
Crosstalk attenuation
ax
CONTRAST = 4 V,
f = 10 MHz,
See Notes 6 or 7
40
dB
Pulse test for rise time
tr
CONTRAST = 4 V,
CLAMP(+) = 2 V,
3
ns
Pulse test for fall time
tf
CONTRAST = 4 V,
VO(PP) = 4 V
CLAMP(+) = 2 V,
See Notes 5 and 7
4
ns
NOTES:
3. Determine VCONT-LOW for −40 dB attenuation of output. Reference to AV(max).
4. Measure gain difference between any two amplifiers, VI(PP) = 1 V.
5. Adjust input frequency from 10 kHz (AV(max) reference level) to the − 3-dB corner frequency (f − 3 dB). VI(PP) = 700 mV.
6. VI(PP) = 700 mV at f = 10 kHz to any amplifier. Measure output levels of the other two undriven amplifiers relative to driven amplifier.
7. A special text fixture without a socket and a double-sided full-ground-plane PC board are required.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com