Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWF2012A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CWF2012A
Description  CWF2012A Series – 0805 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CWF2012A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CWF2012A Datasheet HTML 1Page - Bourns Electronic Solutions CWF2012A Datasheet HTML 2Page - Bourns Electronic Solutions CWF2012A Datasheet HTML 3Page - Bourns Electronic Solutions CWF2012A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CWF2012A Series – 0805 Chip Inductors
Product Dimensions
2.4
(.094)
MAX.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1.6
(.063)
MAX.
0.51
(.020)
REF.
1.4
(.055)
MAX.
0.44 ± 0.1
(.017 ± .004)
2 PLCS.
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Recommended Layout
2.8
(.110)
1.2
(.047)
1.78
(.070)
DIMENSIONS:
MM
(INCHES)
Typical Curves
FREQUENCY (MHz)
1000
100
10
1
0.1
330
6R8
3R3
1R0
R47
1
10
100
1000
FREQUENCY (MHz)
100
10
1
1R0
3R3
330
6R8
1
10
1000
100
R47
Inductance vs. Frequency
Q vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com