Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWF1612A-R10K Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CWF1612A-R10K
Description  CWF1612A Series – 0603 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CWF1612A-R10K Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CWF1612A-R10K Datasheet HTML 1Page - Bourns Electronic Solutions CWF1612A-R10K Datasheet HTML 2Page - Bourns Electronic Solutions CWF1612A-R10K Datasheet HTML 3Page - Bourns Electronic Solutions CWF1612A-R10K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CWF1612A Series – 0603 Chip Inductors
Packaging Specifications
9.0 ± 0.5
(.354 ± .020)
13.5 ± 0.5
(.531 ± .020)
60 ± 2
(2.362 ± .079)
178 ± 2
(7.008 ± .079)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.1
(.079 ± .004)
1.75 ± 0.1
(.069 ± .004)
3.5 ± 0.05
(.138 ± .002)
8.0 ± 0.1
(.315 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.1
(.079 ± .004)
5 °
0.3 ± 0.05
(.012 ± .002)
COVER TAPE
1.45 ± 0.1
(.057 ± .004)
1.35 ± 0.1
(.053 ± .004)
1.5 +0.1/-0
(.059 +.004/-0)
DIA.
7 °
USER DIRECTION OF FEED
QTY: 3,000 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)
REV. 02/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com