Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWF1610A-R47X Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CWF1610A-R47X
Description  CWF1610A Series – 0603 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CWF1610A-R47X Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CWF1610A-R47X Datasheet HTML 1Page - Bourns Electronic Solutions CWF1610A-R47X Datasheet HTML 2Page - Bourns Electronic Solutions CWF1610A-R47X Datasheet HTML 3Page - Bourns Electronic Solutions CWF1610A-R47X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CWF1610A Series – 0603 Chip Inductors
Features
n
Miniature size
n
High self-resonant frequency
n
High current
n
Low DCR
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Applications
n
Automotive systems
n
Noise filters
n
DC power lines
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
L (mH)
Q
Typ.
L & Q
Test Freq.
/ Voltage
SRF
(MHz)
Typ.
DCR
(W)
±30 %
Irms2
(mA)
Typ.
Isat3
(mA)
Typ.
CWF1610A-R10x1
0.10
13
7.9 MHz / 0.5 V
1150
0.063
1400
1700
CWF1610A-R15x
0.15
1050
0.074
1300
1700
CWF1610A-R27x
0.27
1000
0.12
1100
1400
CWF1610A-R33x
0.33
1100
0.13
1000
1300
CWF1610A-R47x
0.47
900
0.18
900
1100
CWF1610A-R56x
0.56
630
0.20
800
1100
CWF1610A-R68x
0.68
510
0.22
750
900
CWF1610A-1R0x
1.0
16
390
0.32
700
860
CWF1610A-1R5x
1.5
160
0.40
600
720
CWF1610A-2R2x
2.2
103
0.56
580
600
CWF1610A-3R3x
3.3
66
0.70
500
500
CWF1610A-4R7x
4.7
51
0.97
420
400
CWF1610A-5R6x
5.6
47
1.10
380
380
CWF1610A-6R8x
6.8
43
1.50
340
340
CWF1610A-8R2x
8.2
40
1.68
300
300
CWF1610A-100x
10
14
2.5 MHz / 0.5 V
36
1.85
280
280
CWF1610A-150x
15
29
2.60
240
240
CWF1610A-180x
18
28
2.90
220
220
CWF1610A-220x
22
24
3.61
200
200
Notes:
1. “x” indicates Inductance Tolerance: K = ±10 %, M = ±20 %.
2. Irms: Heat rated current (Irms) will cause the coil temperature rise ≤40 °C without core loss.
3. Isat: Applying the current to coils, the inductance change shall be less than 20 % of initial value.
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature
.................................. -55 °C to +125 °C
(Temperature rise included)
Storage Temperature
.................................. -55 °C to +125 °C
Temperature Rise .. ≤40 °C at rated Irms1
Saturation Current
........... Inductance drops ≤20 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Note 1: Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be
verified in the end application.
Materials
Core.............................................. Ferrite
Wire .............................Enameled copper
Terminal Finish ................................... Sn
Packaging........ 4000 pcs. per 7-inch reel
Electrical Schematic
How to Order
CWF1610A - R10 K
Model
Value Code (see table)
Tolerance
K = ±10 %
M = ±20 %
Product Dimensions
1.6 ± 0.2
(.063 ± .008)
0.6
(.024)
REF.
1.0 ± 0.1
(.039 ± .004)
1.0 ± 0.2
(.039 ± .008)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
0.92
(.036)
1.02
(.040)
1.92
(.076)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications. The products described herein and this
document are subject to specific legal disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - CWF1610A-R47X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-100K BOURNS-CWF1610-100K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-150K BOURNS-CWF1610-150K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-180K BOURNS-CWF1610-180K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-1R0K BOURNS-CWF1610-1R0K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
More results

Similar Description - CWF1610A-R47X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
SMT Inductors, SIMID Series SIMID 0603-C
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
logo
Coilcraft lnc.
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
Chip Inductors 1008CS Series
1812LS-105XJLC COILCRAFT-1812LS-105XJLC Datasheet
177Kb / 2P
Chip Inductors 1812LS Series
0201DS-0N5XKLU COILCRAFT-0201DS-0N5XKLU Datasheet
149Kb / 2P
Chip Inductors - 0201DS Series(0603)
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
0402/0603 Chip Inductors
logo
Bourns Electronic Solut...
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
0603 Chip Inductors
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com