Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWF1612A-R15K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CWF1612A-R15K
Description  CWF1612A Series – 0603 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CWF1612A-R15K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CWF1612A-R15K Datasheet HTML 1Page - Bourns Electronic Solutions CWF1612A-R15K Datasheet HTML 2Page - Bourns Electronic Solutions CWF1612A-R15K Datasheet HTML 3Page - Bourns Electronic Solutions CWF1612A-R15K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Dimensions
1.65 ± 0.2
(.065 ± .008)
0.38
(.015)
REF.
1.05 ± 0.1
(.041 ± .004)
1.15 ± 0.2
(.045 ± .008)
Recommended Layout
0.8
(.031)
1.07
(.042)
1.86
(.073)
CWF1612A Series – 0603 Chip Inductors
DIMENSIONS:
MM
(INCHES)
Typical Curves
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
FREQUENCY (MHz)
10
1
100
4R7
2R2
R33
47N
1
10
100
1000
FREQUENCY (MHz)
10
1
100
2R2
R33
47N
1
10
100
Inductance vs. Frequency
Q vs. Frequency
Soldering Profile
Tp
Tsmax
25
Time 25 °C to Peak
Time
TL
Tc -5 °C
tp
tL
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
PREHEAT AREA
Tsmin
ts
REFLOW TIMES: 3 TIMES MAX.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Reflow temperature
260 °C
Time (tp) at Tc - 5 °C
(Tp should be equal to or less than Tc)
< 30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com