Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWF1612A-R39K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CWF1612A-R39K
Description  CWF1612A Series – 0603 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CWF1612A-R39K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CWF1612A-R39K Datasheet HTML 1Page - Bourns Electronic Solutions CWF1612A-R39K Datasheet HTML 2Page - Bourns Electronic Solutions CWF1612A-R39K Datasheet HTML 3Page - Bourns Electronic Solutions CWF1612A-R39K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CWF1612A Series – 0603 Chip Inductors
Features
n
Miniature size
n
High self-resonant frequency
n
High current
n
Low DCR
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Applications
n
Automotive systems
n
Noise filters
n
DC power lines
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
Q
Typ.
L & Q
Test Freq.
/ Voltage
SRF
(MHz)
Typ.
DCR
(W)
Max.
IDC2
(mA)
Max.
L (mH)
CWF1612A-47NK
0.047
17
7.9 MHz /
0.5 V
1700
0.075
1500
CWF1612A-72NK
0.072
1700
0.12
1500
CWF1612A-R10K
0.10
1500
0.12
1500
CWF1612A-R12K
0.12
1350
0.15
1500
CWF1612A-R15K
0.15
1350
0.15
1450
CWF1612A-R18K
0.18
1150
0.15
1400
CWF1612A-R33K
0.33
850
0.46
900
CWF1612A-R39K
0.39
810
0.51
1100
CWF1612A-R47K
0.47
720
0.62
1050
CWF1612A-R56K
0.56
600
0.44
850
CWF1612A-R68K
0.68
600
0.52
850
CWF1612A-R82K
0.82
480
0.69
750
CWF1612A-R91K
0.91
330
0.76
670
CWF1612A-1R0K
1.00
310
0.81
600
CWF1612A-1R2K
1.20
270
0.87
550
CWF1612A-1R5K
1.50
270
1.06
540
CWF1612A-1R8K
1.80
230
1.1
520
CWF1612A-2R2K
2.20
130
1.2
500
CWF1612A-2R7K
2.70
105
1.5
480
CWF1612A-3R3K
3.30
84
1.5
440
CWF1612A-3R9K
3.90
80
1.6
430
CWF1612A-4R7x1
4.70
18
69
2.1
420
CWF1612A-5R6x
5.60
65
2.6
350
CWF1612A-6R8x
6.80
19
55
3.1
330
CWF1612A-7R8x
7.80
17
47
3.5
320
CWF1612A-8R2x
8.20
42
3.8
300
CWF1612A-100x
10.00
19
40
4.8
270
Notes:
1. “x” indicates Inductance Tolerance: J = ±5 %, K = ±10 %.
2. IDC: Applying the current to coils, the inductance change shall be less than 20 % of initial value.
General Specifications
Operating Temperature
.................................. -55 °C to +125 °C
(Temperature rise included)
Storage Temperature
.................................. -55 °C to +125 °C
Rated Current
...........Inductance drops ≤20 % at IDC
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Materials
Core.............................................. Ferrite
Wire .............................Enameled copper
Terminal Finish ................................... Sn
Packaging........ 3000 pcs. per 7-inch reel
Electrical Schematic
How to Order
CWF1612A - 47N K
Model
Value Code (see table)
Tolerance
J = ±5 %
K = ±10 %
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - CWF1612A-R39K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-100K BOURNS-CWF1610-100K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-150K BOURNS-CWF1610-150K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-180K BOURNS-CWF1610-180K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
CWF1610-1R0K BOURNS-CWF1610-1R0K Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
More results

Similar Description - CWF1612A-R39K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
SMT Inductors, SIMID Series SIMID 0603-C
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
logo
Coilcraft lnc.
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
Chip Inductors 1008CS Series
1812LS-105XJLC COILCRAFT-1812LS-105XJLC Datasheet
177Kb / 2P
Chip Inductors 1812LS Series
0201DS-0N5XKLU COILCRAFT-0201DS-0N5XKLU Datasheet
149Kb / 2P
Chip Inductors - 0201DS Series(0603)
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
0402/0603 Chip Inductors
logo
Bourns Electronic Solut...
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
0603 Chip Inductors
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
CWF1610 Series - 0603 Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com