Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW2012A-R10_ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CW2012A-R10_
Description  CW2012A Series – 0805 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW2012A-R10_ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CW2012A-R10_ Datasheet HTML 1Page - Bourns Electronic Solutions CW2012A-R10_ Datasheet HTML 2Page - Bourns Electronic Solutions CW2012A-R10_ Datasheet HTML 3Page - Bourns Electronic Solutions CW2012A-R10_ Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CWF2012A Series – 0805 Chip Inductors
General Specifications
Operating Temperature
................................ -55 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................ -55 °C to +125 °C
Rated Current
......................Inductance drops ≤20 %
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Materials
Core Material............................. Ceramic
Wire .............................Enameled copper
Terminal.....................................Ag/Ni/Sn
Packaging.............2,000 pcs. per 7 ˝ reel
Electrical Schematic
Product Dimensions
Recommended Layout
BOTTOM VIEW
SIDE VIEW
TOP VIEW
2.40
(.094)
MAX.
0.51
(.020)
REF.
1.60
(.063)
MAX.
1.40
(.055)
MAX.
TERMINAL
ELECTRODE
0.44 ± 0.1
(.017 ± .004)
0.44 ± 0.1
(.017 ± .004)
2.80
(.110)
1.29
(.051)
1.78
(.070)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
How to Order
CW2012A - 2N0 __
Model
Inductance Value Code
(See Table)
Tolerance Code
CW2012A-2N0_ ~ CW2012A-4N7_:
B = ±0.2 nH, D = ±0.3 nH
CW2012A-6N8_ ~ CW2012A-1R0_:
J = ±5 %, K = ±10 %
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
25
Preheating
Soldering
Natural Cooling
TP (260 °C / 10 Sec. Max.)
tp (245 °C, 20~40 Sec.)
217 °C
200 °C
480 Sec. Max.
60~180
Sec.
60~150 Sec.
150°C
Time (Seconds)
Reflow Times: 3 Times Max.
Solder Profile



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com