Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP621 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller AC / DC−Input Module Solid State Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP621 Datasheet HTML 1Page - Toshiba Semiconductor TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2002-09-25
4
Maximum Ratings (Ta = 25°C)
Rating
Characteritic
Symbol
TLP621
TLP621
-2
TLP621
-4
Unit
Forward current
IF
60
50
mA
Forward current derating
∆IF /°C
-0.7 (Ta > 39°C)
-0.5 (Ta = 25°C)
mA /°C
Pulse forward current
IFP
1 (100µs pulse, 100pps)
A
Power dissipation
PD
100
70
mW
Power dissipation derating
∆PD /°C
-1.0
-0.7
mW /°C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
-emitter voltage
VCEO
55
V
Emitter
-collector valtage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation derating
(1 circuit, Ta ≥ 25°C)
∆PC /°C
-1.5
-1.0
mW /°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-55~100
°C
Lead soldering temperature
Tsol
260 (10 s)
°C
Total package power dissipation
PT
250
150
mW
Total package power dissipation derating
(Ta ≥ 25°C)
∆PT /°C
-2.5
-1.5
mW /°C
Isolation voltage
(Note 1)
BVS
5000 (AC, 1min., R.H.≤ 60%)
Vrms
(Note 1) Device considered a two terminal: LED side pins shorted together, and detector side pins shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
16
20
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
-25
―
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com