Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W474PC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWFD2W474PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W474PC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWFD2W474PC Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 5Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W474PC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ECWFD series
■ Rated voltage [DC] : 630 V, Capacitance tolerance : ±5 %(J), ± 10 %(K)
*□:Capacitance tolerance code
Note) Part number marked with bold is short lead space product.
*( ):Suffix for lead crimped
Rating · Dimensions · Quantity
1000
1200
-
1.0
800
1.5
1300
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
15.0
15.0
10.0
10.0
300
400
700
900
200
0.8
500
500
600
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.8
0.8
0.8
0.8
800
700
600
500
400
900
1.5
1.5
1.5
1.5
1.5
1.5
1.5
0.8
0.8
0.8
0.8
0.8
0.8
0.8
400
–
300
1000
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
22.5
22.5
22.5
22.5
22.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
7.5
7.5
7.5
7.5
7.5
7.5
22.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
22.5
22.5
22.5
22.5
22.5
22.5
15.0
15.0
15.0
15.0
22.5
15.0
10.0
10.0
10.0
15.0
24.7
26.2
27.7
29.1
30.9
Odd size
7.5 mm
10.0
10.0
10.0
10.0
16.4
18.0
18.5
21.3
22.5
23.5
23.1
ød
G
max.
0.6
0.6
0.6
28.9
17.7
18.3
19.2
19.3
20.5
21.5
21.1
20.7
22.1
23.9
19.2
24.2
27.1
14.2
14.3
15.5
16.5
17.7
16.1
12.7
13.3
22.7
7.5
7.5
ECWFD2J475□( )
ECWFD2J105Q( )
4.4
4.7
5.0
5.4
5.8
6.2
6.8
8.1
3.3
3.9
4.7
ECWFD2J823□( )
ECWFD2J155□( )
ECWFD2J185□( )
ECWFD2J225□( )
ECWFD2J275□( )
ECWFD2J335□( )
20.3
ECWFD2J564□( )
0.56
Min. order Q'ty (PCS)
ECWFD2J103□( )
0.01
13.0
0.6
0.6
0.6
0.6
Taping
10.0
ECWFD2J183□( )
0.018
12.6 5.9
14.0
14.0
7.5
10.0
ECWFD2J153□( )
Straight
Crimped
lead
Bulk
Straight
Crimped
lead
(Suffix Q)
Should a safety concern arise regarding this product, please be sure to contact us immediately.
06-Aug-24
22.5
15.0
22.5
ECWFD2J125□( )
1.2
25.3 8.4 13.5
18.5
20.5
ECWFD2J105□( )
1.0
ECWFD2J395□( )
25.3
25.3
25.3
25.3
25.3
25.3
25.7
1.5
18.3
ECWFD2J684□( )
0.68
0.12
0.22
ECWFD2J474□( )
0.47
ECWFD2J105P( )
ECWFD2J124□( )
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
12.6
12.6
12.6
17.8
10.3
11.2
12.4
13.8
15.3
16.6
6.0
6.6
7.8
9.3
9.2
ECWFD2J274□( )
ECWFD2J334□( )
0.33
0.27
ECWFD2J224□( )
ECWFD2J184□( )
0.18
ECWFD2J394□( )
0.39
15.0
8.4
17.8
17.8
17.8
19.7
1.8
2.2
2.7
25.3
25.3
17.8 11.2
4.9
5.6
14.9
0.082
0.10
13.1
15.0
17.8 7.1 12.0
17.0
19.0
12.6
12.6
14.2
14.6
16.4
16.0
16.5
15.2
13.7
13.4
11.0
11.5
12.6
12.6
12.6
ECWFD2J154□( )
0.15
15.7
12.6 7.4
15.7
17.8
13.7
14.2
14.6
15.2
21.2
ECWFD2J824□( )
0.82
17.8 10.2 15.1
20.1
22.1
ECWFD2J104□( )
ECWFD2J123□( )
0.012
12.6 5.2
13.2
13.2
7.5
ECWFD2J563□( )
ECWFD2J683□( )
0.068
ECWFD2J473□( )
16.0
16.0
0.047
0.056
12.8
13.1
13.4
ECWFD2J393□( )
0.039
12.6 8.0
7.5
10.0
10.0
7.5
ECWFD2J333□( )
0.033
12.6 7.5
15.5
15.5
7.5
ECWFD2J273□( )
0.027
12.6 6.9
14.9
ECWFD2J223□( )
0.022
12.6 6.4
14.4
14.4
0.015
12.6
12.6
Crimped
lead
(Suffix B)
Crimped
lead
(Suffix Q)
Part No.
Cap.
(μF)
L
max.
T
max.
H max.
F
S
Dimensions (mm)
Crimped
lead
(Suffix B)
1000
1000
-
-
-
-
-
-
-
-
7.5
10.0
0.6
7.5
15.0
15.0
7.5
10.0
10.0
10.0
13.6
13.0
13.6
12.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com