Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R2 Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R2
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R2 Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R2 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.sensirion.com / D1
Version 2
– July 2021
8/17
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Comments
Power-up time
tPU
After hard reset,
VDD
≥ VPOR
-
0.3
1
ms
Time between VDD
reaching VPOR and
sensor entering idle
state
Soft reset time
tSR
After soft reset
-
-
1
ms
Time between ACK of
soft reset command and
sensor entering idle
state. Also valid for I2C
general call reset.
Measurement
duration
tMEAS,l
Low
repeatability
-
1.3
1.7
ms
The three repeatability
modes differ with
respect to measurement
duration, noise level and
energy consumption
tMEAS,m
Med.
repeatability
-
3.7
4.5
ms
tMEAS,h
High
repeatability
-
6.9
8.2
ms
Heater-on duration
tHeater
Long pulse
0.9
1
1.1
s
After that time the heater
is automatically switched
off
Short pulse
0.09
0.1
0.11
s
After that time the heater
is automatically switched
off
Table 4 System timing specifications.
3.3 Absolute Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage or affect the reliability
of the device. These are stress ratings only and functional operation of the device at these
conditions is not guaranteed. Ratings are only tested each at a time.
Parameter
Rating
Max. voltage on any pin
VSS -
0.3 V … VDD + 0.3 V
Operating temperature range
-40
°C … 125 °C
Storage temperature range11
-40
°C …150 °C
ESD HBM
2 kV
ESD CDM
500 V
Latch up, JESD78 Class II, 125°C
+-100 mA
Table 5: Absolute maximum ratings.
4 Sensor Operation
4.1 I2C communication
I2C communication is based on NXP’s I2C-bus specification and user manual UM10204, Rev.6, 4
April 2014. Supported I2C modes are standard, fast mode, and fast mode plus. Data is transferred
in multiples of 16-bit words and 8-bit checksum (cyclic redundancy check = CRC). All transfers
must begin with a start condition (S) and terminate with a stop condition (P). To finish a read
transfer, send not acknowledge (NACK) and stop condition (P). Addressing a specific slave device
is done by sending its 7-bit I2C address followed by an eighth bit, denoting the communication
direction: “zero” indicates transmission to the slave, i.e. “write”, a “one” indicates a “read” request.
Schematics of the I2C transfer types are sketched in Figure 8. The sensor does not support clock-
stretching. In case the sensor receives a read header and is still busy with e.g. measurement or
11 The recommended storage temperature range is 10-50°C. Please consult the document “SHTxx Handling Instructions” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com