Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.sensirion.com / D1
Version 2
– July 2021
10/17
4.4 Command Overview
Command
(hex)
Response length
incl. CRC (bytes)
Description
[return values]
0xFD
6
measure T & RH with high precision (high repeatability)
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0xF6
6
measure T & RH with medium precision (medium repeatability)
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0xE0
6
measure T & RH with lowest precision (low repeatability)
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x89
6
read serial number
[2 * 8-bit data; 8-bit CRC; 2 * 8-bit data; 8-bit CRC]
0x94
-
soft reset
[ACK]
0x39
6
activate heater with 200mW for 1s, including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x32
6
activate heater with 200mW for 0.1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x2F
6
activate heater with 110mW for 1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x24
6
activate heater with 110mW for 0.1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x1E
6
activate heater with 20mW for 1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
0x15
6
activate heater with 20mW for 0.1s including a high precision
measurement just before deactivation
[2 * 8-bit T-data; 8-bit CRC; 2 * 8-bit RH-data; 8-bit CRC]
Table 7 Overview of I2C commands. If the sensor is not ready to process a command, e.g. because it is still
measuring, it will response with NACK to the I2C read header. Given heater power values are typical and
valid for VDD=3.3V.
4.5 Conversion of Signal Output
The digital sensor signals correspond to following humidity and temperature values:
������������ = (−6 + 125 ∙
������������������
216 − 1
) %RH
( 1 )
������ = (−45 + 175 ∙
������������
216 − 1
) °C
( 2 )
������ = (−49 + 315 ∙
������������
216 − 1
) °F
( 3 )
N.B.: The RH conversion formula (1) allows values to be reported which are outside of the range
of 0
%RH … 100 %RH. Relative humidity values which are smaller than 0 %RH and larger than
100 %RH are non-physical, how
ever these “uncropped” values might be found beneficial in some
cases (e.g. when the distribution of the sensors at the measurement boundaries are of interest).
For all users who do not want to engage in evaluation of these non-physical values, cropping of
the RH signal to the range of 0
%RH … 100 %RH is advised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com