Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-BD1B-R2 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SHT40-BD1B-R2
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-BD1B-R2 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SHT40-BD1B-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-BD1B-R2 Datasheet HTML 17Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.sensirion.com / D1
Version 2
– July 2021
14/17
5.5 Thermal Information
Symbol
Description
Heater off, die
pad soldered
(K/W)
Heater on, die
pad soldered
(K/W)
Heater off, die
pad
not soldered
(K/W)
Heater on, die
pad
not soldered
(K/W)
������������������������
Junction-to-ambient
thermal resistance
246
308
297
357
������������������������
Junction-to-case
thermal resistance
189
255
191
257
������������������������
Junction-to-board
thermal resistance
159
225
193
258
������������
Junction-to-board
characterization
param.
159
223
191
254
������������
Junction-to-top
characterization
param.
38
105
44
112
Table 8 Typical
values for thermal metrics. In the “heater on” columns a heater power of 200 mW was
assumed. Soldering of the die pad is not recommended, therefore the two right hand side columns are bold.
Values are based on simulation.
6 Quality and Material Contents
Qualification of SHT4x is performed based on the JEDEC JESD47 qualification test method,
qualification report available on request. The device is fully RoHS and WEEE compliant, e.g. free
of Pb, Cd, and Hg.
For general remarks of best practice in processing humidity sensor please refer to the handling
instructions (Sensirion, 2020).
7 Tape and Reel Packaging
All specifications for the tape and reel packaging can be found on Figure 12. Reel diameters are
13 inch and 8 inch for the 10k and the 2.5k packaging sizes, respectively.
Figure 12: Tape and reel specifications including sensor orientation in pocket (see indication of two sensors
on the right side of the tape).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com