Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGWM Datasheet(PDF) 1 Page - Comus International

Part # HGWM
Description  Single Side Stable Mercury (Hg) Relay - 1 Form C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

HGWM Datasheet(HTML) 1 Page - Comus International

  HGWM Datasheet HTML 1Page - Comus International HGWM Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
Part Number: HGWM Series
Single Side Stable Mercury (Hg) Relay - 1 Form C
Product Data Sheet
PICTURE
DIMENSIONS
SCHEMATIC
• 100W, 500V, 2A switching power
• Coil Voltages: 5, 12, 24 and 48
• Bounce-free operation
• Stable, low contact resistance over life
• Magnetically shielded
• Multi pole FORM-C & D contacts also available, consult factory
Drawings not to scale.
All dimensions in inches (mm) nominal.
0.545 MAX
(13.80)
0.450 MAX
(11.40)
1.57 MAX
(39.90)
1.10
(27.9)
1.20
(30.4)
UP
UP
0.300
(7.62)
0.025 (0.6) Diameter
0.190 (4.8) Long Terminals
FEATURES
ORDERING INFORMATION
HGWM-51111
1C
K00 = 05
P00 = 12
T00 = 24
W00 = 48
Part Number Example: HGWM-51111-XXX
HGWM-51111-W00 = HGWM-51111 with 48 volt coil
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Series
Form
Coil
Relays
1 / 2015
Hg
BOTTOM VIEW


Similar Part No. - HGWM

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGWM-08-EO-G6 FESTO-HGWM-08-EO-G6 Datasheet
98Kb / 1P
Angled gripper
HGWM-08-EO-G7 FESTO-HGWM-08-EO-G7 Datasheet
86Kb / 1P
Angled gripper
HGWM-08-EO-G8 FESTO-HGWM-08-EO-G8 Datasheet
98Kb / 1P
Angled gripper
HGWM-08-EZ-G6 FESTO-HGWM-08-EZ-G6 Datasheet
98Kb / 1P
Angled gripper
HGWM-08-EZ-G7 FESTO-HGWM-08-EZ-G7 Datasheet
97Kb / 1P
Angled gripper
More results

Similar Description - HGWM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
1 Form C Solid State Relay
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
1 FORM C AUTOMOTIVE QUIET RELAY
logo
American Zettler, Inc.
AZ832 AZETTLER-AZ832 Datasheet
228Kb / 3P
POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
Adam Technologies, Inc.
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
RELAY 1 FORM C SEALED TYPE
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
RELAY 1 FORM C SEALED TYPE
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com