Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGRM-51111-R00 Datasheet(PDF) 2 Page - Comus International

Part # HGRM-51111-R00
Description  Single Side Stable Mercury (Hg) Relay - 1 Form C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

HGRM-51111-R00 Datasheet(HTML) 2 Page - Comus International

  HGRM-51111-R00 Datasheet HTML 1Page - Comus International HGRM-51111-R00 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number: HGRM Series
Single Side Stable Mercury (Hg) Relay - 1 Form C
Product Data Sheet
Contact Resistance (Max)
30 mΩ
Operate Time - no bounce (Max)
2.5 ms (At Nominal Voltage)
Transfer Time (Max)
0.5 ms
Release Time (Max)
2.5 ms
Insulation Resistance @ 100V, 20°C, 40% RH (Min)
108 Ω
Dielectric Strength (Min)
Between Open Contacts 1400 VDC / peak AC
Between Coil to Contacts 1400 VDC / peak AC
Capacitance Between Open Contacts / Contacts to Coil (Max)
3 pF / 9 pF
Vibration (Survival)
5 Gs
Shock Resistance (Survival)
30 Gs
Operating Temperature
-38° to +85°C
Storage Temperature
-40° to +105°C
Life Expectancy at Specified Load (Typical)
2000 x 106 ops (1 VDC, 10mA)
Contact Material / Content
Hg / 0.32 grams
Relay Weight (Typical)
15 grams
SPECIFICATION
Max Switching Power
100 W
Max Switching Voltage
500 VDC
Max Switching Current
2 A
Max Carry Current
5 A
CONTACT RATING
PART NUMBER
NOMINAL COIL
VOLTAGE (VDC)
NOMINAL COIL
RESISTANCE ±10% (Ω)
MAX OPERATE
VOLTAGE (VDC)
MIN RELEASE
VOLTAGE (VDC)
MAX COIL
VOLTAGE (VDC)
HGRM-51111-J00
5
70
1.8
0.44
11
HGRM-51111-N00
12
435
4.6
1.1
28
HGRM-51111-R00
24
1750
8.8
2.2
55
HGRM-51111-V00
48
6100
17
4.3
103
COIL DATA (at 20˚C)
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
1 / 2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com