Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2-MVS2 Datasheet(PDF) 2 Page - Comus International

Part # MSS2-MVS2
Description  Instrumentation Grade Hg DIP Reed Relays - 1 Form A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

MSS2-MVS2 Datasheet(HTML) 2 Page - Comus International

  MSS2-MVS2 Datasheet HTML 1Page - Comus International MSS2-MVS2 Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number: MSS2 / MVS2 Series
Instrumentation Grade Hg DIP Reed Relays - 1 Form A
Product Data Sheet
RELAY MODEL
MSS2 (All Position)
MVS2 (Vertical Mount)
Contact Resistance (Initial)
MAX 100 mΩ
Operate Time - Including bounce (Typical)
1.75 ms
2.5 ms
Release Time (Typical)
1.5 ms
2.0 ms
Insulation Resistance @ 100V, 20°C, 40% RH (MIN)
1010 Ω
Dielectric Strength: Across Contacts (DC/Peak AC Resistive, Min)
1500 VDC
2000 VDC
Dielectric Strength: Contacts to All Points (DC/Peak AC Resistive, Min)
1500 VDC
Capacitance Between Open Contacts (Typical)
1.5 pF
0.7 pF
Capacitance Between Open Contacts to Coil (Typical)
3.0 pF
1.2 pF
Vibration
10 Gs
Shock Resistance
30 Gs
Operating Temperature
-25° to +85°C
Storage Temperature
-35° to +100°C
Life Expectancy of Electrical @ 1.0V / 10mA (Typical)
500 x 106
1000 x 106
Contact Material
Hg
Hg Content (mg)
16
40
SPECIFICATION
RELAY MODEL
MSS2 (All Position)
MVS2 (Vertical Mount)
Max Switching Power
50 W
50 W
Max Switching Voltage
500 VDC
500 VDC
Max Switching Current
2 A
2 A
Max Carry Current
2 A
3 A
CONTACT RATING
NOMINAL VOLTAGE
DC±10%[V]
COIL RESISTANCE
±
10% (Ω)
MAX OPERATE
VOLTAGE (VDC)
MIN RELEASE
VOLTAGE (VDC)
MAX COIL
VOLTAGE (VDC)
5
140
3.75
0.5
10
12
500
9
1
20
24
2150
18
2
40
NOMINAL VOLTAGE
DC±10%[V]
COIL RESISTANCE
±
10% (Ω)
MAX OPERATE
VOLTAGE (VDC)
MIN RELEASE
VOLTAGE (VDC)
MAX COIL
VOLTAGE (VDC)
5
105
3.75
0.5
10
12
500
9
1
20
24
2150
18
2
40
MSS2 COIL DATA-STANDARD TYPE 1 FORM A (at 20˚C) (ALL POSITION)
MVS2 COIL DATA-STANDARD TYPE 1 FORM A (at 20˚C) (VERTICAL MOUNT)
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2018 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
Rev: 1 - Date: Nov/27/2018 - Signature: BR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com