Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD080 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CD080
Description  POTENTIOMETRIC OUTPUT DRAW-WIRE – MEASUREMENT RANGE 0 UP TO 2000 MM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD080 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CD080_V01 Datasheet HTML 1Page - Sensata Technologies, Inc. CD080_V01 Datasheet HTML 2Page - Sensata Technologies, Inc. CD080_V01 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Page 2
DIMENSIONS
All dimensions are in mm
CABLE FORCES
Measurement range in mm
2000
Min. pull-out force
≈ 8,00 N
Max. pull-out force
≈ 11,00 N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com