Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWH16202HVC Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH16202HVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH16202HVC Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH16202HVC Datasheet HTML 1Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH16202HVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ECWH(V) series
単位:mm
■ Packing quantity : 100 pcs./bag
■ Taping style
Unit
:mm
*:max.
* Please check the product drawing for the shape of the lead wire forming.
The above diagram shows the taping dimensions, and the lead wire forming shape is an example.
* H1 dimension is based on insertion machine “Panasert RH series” made by Panasonic. Consult with Panasonic technical staff when using other insertion machines.
■ Packaging specifications
● Lead spacing
See the column “Rating · Dimensions · Quantity” for packing quantity.
Dimensions
Packaging specifications for bulk package
Taping specifications for automatic insertion
〇
〇
Lead
spacing
E
Ammo
R( ) V
Style
〇
7.5
〇
ECWH(V)
F
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
1000
1250
1600
2000
0.0010 to 0.015
Ammo
R( ) V
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
0.0013 to 0.020
0.0036 to 0.051
Ammo
R( ) V
E
Ammo
R( ) V
16.0
44.0
Suffix
0.0075 to 0.10
Series
R.voltage
(V) [DC]
Capacitance range
(μF)
Taping style
Packing
Size
Style
E
30.0
15.0
7.5
H0
H1*
P
P0
L max.
T max.
L max.
F
±1.25
S
±0.8
Marking
Marking
Marking
ø0.80
±0.05
Copper wire
P0
F
P
Style E
Straight
Crimped lead
(Suffix B)
Cut lead
(Suffix C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com