Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWH16113HVC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWH16113HVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH16113HVC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWH16113HVC Datasheet HTML 1Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Non-inductive construction using metallized polypropylene
film with flame retardant epoxy resin coating
● Low-loss
● Excellent electrical characteristics
● Flame retardant epoxy resin coating
● RoHS compliant
● High frequency high voltage circuit (General resonance, inverter circuit)
■ Odd size taping
* In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
ECWH(V) series
Features
Recommended applications
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Capacitance range
1000 V
20
2000 V
tan δ
≦ 0.2 % (20 ℃, 10 kHz)
Withstand voltage
Between terminals toenclosure
: 1500 V [AC] 60 s
Category temp. range
(Including temperature-rise on unit surface)
1000 V
-
1250 V
 1000 Vp-p
Specifications
03-Apr-23
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
±3% (H)
、 ±5 % (J)
tan δ
≦ 0.1 % (20 ℃, 1 kHz)
Between terminals : Rated volage (V) × 150 % 60 s
Lead form
Code
R.voltage [DC]
0.0013 μF to 0.056 μF
 1500 Vp-p
 1200 Vp-p
1600 V
1250 V
−40 ℃ to +105 ℃
16
1600 V
Rated voltage [DC]
0.0036 μF to 0.10 μF
Explanation of part number
Blank
C
0.0075 μF to 0.10 μF
2000 V
0.001 μF to 0.015 μF
B
(Derating of rated voltage
by 1.25 %/
℃ at more than 85 ℃)
2000 V
1600 V
1250 V
Crimped lead
1000 V
Code
Code
Cap. Tol.
H
J
±3
%
±5
%
12
10
Insulation resistance (IR)
Capacitance tolerance
Straight
Cut lead
Dissipation factor (tan δ)
IR
≧ 30,000 MΩ (20 ℃, 500 V, 60 s)
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W H
V
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W H
R
V
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Suffix 1
Suffix 2
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Odd taping
Suffix


Similar Part No. - ECWH16113HVC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH16113V PANASONIC-ECWH16113V Datasheet
214Kb / 14P
Designed for high frequency and pluse applications.
More results

Similar Description - ECWH16113HVC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
Plastic Film Capacitors
ECWH8103HA PANASONIC-ECWH8103HA Datasheet
204Kb / 2P
Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
Plastic Film Capacitors
logo
Nichicon corporation
QXK2E104KTPTZH NICHICON-QXK2E104KTPTZH Datasheet
51Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com