Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10JF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJNDR10JF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10JF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJNDR10JF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10JF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 104 –
1
10
100
1000
10
100
1000
10000
20
40
60
80
100
120
10
100
1000
10000
2N2
10N
22N
47N
R22
R10
4N7
2N2
R22
R10
47N
22N
Frequency (MHz)
Frequency (MHz)
■ Typical Characteristics
● Q-Frequency Characteristics (Typ.)
●L-Frequency Characteristics (Typ.)
Part No
Inductance (nH)(Typ.)
Q(Typ.)
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
ELJRE1N0 FA
1.01
1.01
0.99
0.98
0.98
71.2
76.8
116.8
129.6
155.8
ELJRE1N2 FA
1.19
1.19
1.18
1.17
1.17
65.1
69.8
102.7
113.9
136.9
ELJRE1N5 FA
1.41
1.41
1.39
1.39
1.38
52.7
56.2
79.6
88.0
103.3
ELJRE1N8 FA
1.86
1.86
1.84
1.84
1.84
55.9
59.6
86.7
97.5
117.0
ELJRE2N2 FA
2.10
2.09
2.07
2.07
2.07
48.6
51.3
74.8
83.6
98.6
ELJRE2N7 FA
2.59
2.59
2.58
2.59
2.60
48.6
51.3
71.1
78.1
89.9
ELJRE3N3 FA
3.09
3.08
3.08
3.09
3.11
49.6
52.7
78.5
88.6
105.8
ELJRE3N9 FA
3.61
3.61
3.63
3.65
3.69
50.2
53.0
70.5
77.1
87.0
ELJRE4N7 FA
4.42
4.42
4.48
4.52
4.60
46.3
49.4
69.4
76.6
86.1
ELJRE5N6 FA
5.39
5.39
5.49
5.55
5.66
49.5
52.8
75.4
84.0
94.3
ELJRE6N8 FA
6.59
6.60
6.79
6.89
7.08
49.3
52.8
78.1
86.7
97.0
ELJRE8N2 FA
7.97
7.99
8.33
8.51
8.83
49.0
52.4
75.4
82.6
89.1
ELJRE10N FA
9.60
9.63
10.22
10.51
11.07
44.2
47.0
63.4
68.0
69.7
ELJRE12N FA
11.7
11.8
12.7
13.2
14.1
44.6
47.7
64.7
68.5
67.8
ELJRE15N FA
14.6
14.6
16.2
17.1
18.7
42.4
45.4
58.4
59.5
56.9
ELJRE18N FA
17.6
17.8
20.2
21.5
24.2
45.9
49.4
64.6
65.0
58.8
ELJRE22N FA
21.7
21.9
26.0
28.3
33.3
43.0
45.8
54.2
52.2
43.8
ELJRE27N FA
27.2
27.6
34.6
38.9
49.3
43.9
47.0
52.4
49.2
38.1
ELJRE33N FA
33.3
33.9
45.5
53.2
75.2
41.8
44.4
45.2
39.3
26.2
ELJRE39N FA
39.8
40.7
58.6
71.9
117.0
42.2
44.9
40.4
33.1
18.8
ELJRE47N FA
48.3
49.6
79.8
107.1
260.7
42.6
45.3
34.1
24.0
8.8
ELJRE56N FA
59.2
61.1
112.8
176.3
735.5
42.0
44.5
25.1
15.2
0.8
ELJRE68N FA
73.9
77.0
185.9
459.7
41.8
44.0
21.5
9.5
ELJRE82N FA
94.0
99.6
494.3
39.7
41.5
7.7
ELJRER10 FA
115.2
123.5
2141.2
35.3
36.7
1.6
ELJRER12 FA
143.4
156.9
35.2
35.7
ELJRER15 FA
188.5
210.6
40.6
41.5
ELJRER18 FA
242.9
280.4
39.0
39.8
ELJRER22 FA
337.9
416.6
43.2
45.3
■ Reference Date
■ ELJRE Type
: Symbol of Tolerance
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com