Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1035L Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPD1035L
Description  40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1035L Datasheet(HTML) 4 Page - Qorvo, Inc

  QPD1035L Datasheet HTML 1Page - Qorvo, Inc QPD1035L Datasheet HTML 2Page - Qorvo, Inc QPD1035L Datasheet HTML 3Page - Qorvo, Inc QPD1035L Datasheet HTML 4Page - Qorvo, Inc QPD1035L Datasheet HTML 5Page - Qorvo, Inc QPD1035L Datasheet HTML 6Page - Qorvo, Inc QPD1035L Datasheet HTML 7Page - Qorvo, Inc QPD1035L Datasheet HTML 8Page - Qorvo, Inc QPD1035L Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
QPD1035L
40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
Data Sheet Rev. A, May 2024 | Subject to change without notice
4 of 21
www.qorvo.com
®
Measured Load-Pull Smith Charts at 50V 1
Notes:
2.
Test Conditions: VD = 50 V, IDQ = 65 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com