Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-110 Datasheet(PDF) 2 Page - Hirose Electric

Part # U.FL-R-SMT-110
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-110 Datasheet(HTML) 2 Page - Hirose Electric

  U.FL-R-SMT-110 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-110 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Note 1 : Cable type connectors were measured with SMA conversion
adapters attached to both ends of the harness product of a
suitable 100cm cable.
Note 2 : Board type connectors were mounted to a 50ø glass epoxy
board and measurements were conducted with SMA
conversion adapters attached.
■Product Specifications
Ratings
Nominal characteristic impedance
Frequency range
50ø
DC to 6GHz
Operating temperature range
Operating humidity
-40˚C to +90˚C
90%RH max.
Storage temperature range
Storage humidity
-30˚C to +70˚C
90%RH max.
Item
Specification
Conditions
1. Contact resistance
Center : 20mø max.
Outer : 10mø max.
10mA max.
2. Insulation resistance
500Mø min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown.
200V AC / 1 minute
4. V.S.W.R.*
Part No.
Up to 3GHz
3 to 6GHz
U.FL-LP-040HF dia.0.81mm Coaxial Cable Assembly
1.3 Max
1.35 Max
U.FL-LP(V)-040HF dia.0.81mm Coaxial Cable Assembly
1.3 Max
1.3 Max
U.FL-LP-068HF dia.1.13mm Coaxial Cable Assembly
1.3 Max
1.4 Max
U.FL-LP-066HF dia.1.32mm Coaxial Cable Assembly
1.3 Max
1.5 Max
U.FL-LP-062HF dia.0.95mm Coaxial Cable Assembly
1.3 Max
1.3 Max
U.FL-LP-088HF dia.1.37mm Coaxial Cable Assembly
1.3 Max
1.4 Max
5. Durability
(mating / un-mating,
with corresponding
plug)
Contact resistance
Center : 25mø max.
Outer : 15mø max.
30 cycles
6. Vibration
No electrical discontinuity of 1µs min.
No damage, cracks or parts dislocation.
Frequency : 10 to 100Hz, single amplitude of 1.5mm,
acceleration of 59m/s2, for 5 cycles in the direction of each
of the 3 axis.
7. Shock
Acceleration of 735m/s2, 11ms duration, sine half-
wave waveform, 3 cycles in each of 3 axes.
8. Humidity
(Steady state)
No damage, cracks or parts dislocation.
Insulation resistance 10Mø min.(humidity high)
Insulation resistance 500Mø min.(dry)
96 hours at temperature of 40ç and humidity of 95%.
9. Temperature cycle
No damage, cracks or parts dislocation.
Contact resistance : 25mø max. (Center)
15mø max. (Outer)
Temperature : -40˚C
/+5 to +35˚C/+90˚C/+5 to +35˚C
Time : 30min.
/ 3min. / 30min. / 3min.
5 cycles
10. Salt spray
No excessive corrosion
5% salt water solution, 48 hours
*V.S.W.R. Measurement System
The above V.S.W.R. standard values were measured using the measurement connection shown below.
■Material / Finish
●Plug-right angle
Part
Material
Finish/Remarks
Shell
Phosphor bronze
Silver plated
Insulator
PBT, Color : Gray
UL94HB (LP (V) -040HF)
LCP, Color : Milky-white
UL94V-0(040HF,066HF, 068HF, 062HF, 088HF)
Female center contact
Phosphor bronze
Gold plated
●Receptacle
Part
Material
Finish/Remarks
Shell
Phosphor bronze
Silver plated
Insulator
LCP, Color : Milky-white
UL94V-0
Male center contact
Brass
Gold plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com