Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWH12362JVC Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECWH12362JVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12362JVC Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECWH12362JVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 9Page - Panasonic Semiconductor ECWH12362JVC Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ECWH(V) series
■ Rated voltage [DC]:2000 V, Capacitance tolerance:±3 %(H), ±5 %(J)
*
□:Capacitance tolerance code
()
:Suffix for lead crimped or taped type
ECWH20202
□V( )
ECWH20222
□V( )
ECWH20362
□V( )
0.0012
0.0015
0.0020
0.0022
0.0036
ECWH20332
□V( )
0.0033
ECWH20302
□V( )
0.0030
ECWH20272
□V( )
0.0027
ECWH20182
□V( )
0.0018
ECWH20153
□V( )
500
300
400
300
300
400
500
ECWH20392
□V( )
ECWH20512
□V( )
ECWH20562
□V( )
ECWH20822
□V( )
ECWH20912
□V( )
ECWH20133
□V( )
0.0056
0.0082
0.0091
7.0
7.5
8.0
8.5
9.0
ECWH20122
□V( )
ECWH20152
□V( )
23.0
23.0
18.0
8.5
18.0
9.5
18.0
0.0039
0.0051
9.0
18.0
18.0
18.0
18.0
18.0
18.0
23.0
23.0
23.0
18.0
13.5
14.0
15.0
15.0
15.5
16.0
16.0
16.0
18.0
15.5
16.0
16.0
19.0
20.0
20.0
20.5
21.0
21.0
21.0
23.0
15.0
20.0
20.0
20.0
20.5
21.0
21.0
15.0
0.8
0.8
0.8
0.8
0.8
15.0
15.0
15.0
15.0
15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
400
500
Dimensions (mm)
Min. order Q'ty (PCS)
ød
Taping
Bulk
7.5 mm
Straight
・
Crimped
lead
15.0
10.0
15.0
10.0
10.0
10.0
15.0
10.0
15.0
10.0
10.0
10.0
10.0
10.0
10.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
15.0
15.0
20.0
15.0
ECWH20123
□V( )
0.012
23.0
11.5
20.5
25.5
20.0
20.0
26.0
26.5
21.0
21.5
0.013
0.015
12.0
12.0
ECWH20113
□V( )
0.011
23.0
11.0
20.0
25.0
20.0
15.0
ECWH20103
□V( )
0.010
23.0
10.5
19.5
24.5
20.0
15.0
15.0
15.0
20.0
15.0
ECWH20752
□V( )
0.0075
23.0
9.5
18.0
23.0
20.0
24.0
19.0
10.0
10.0
23.0
ECWH20682
□V( )
0.0068
23.0
8.5
16.5
21.5
20.0
15.0
ECWH20622
□V( )
0.0062
23.0
8.0
16.5
21.5
20.0
15.0
15.0
15.0
20.0
15.0
ECWH20472
□V( )
0.0047
23.0
7.0
15.5
20.5
7.5
7.5
ECWH20432
□V( )
0.0043
18.0
9.5
16.0
21.0
15.0
10.0
10.0
10.0
9.0
10.0
ECWH20242
□V( )
0.0024
18.0
8.5
15.5
20.5
15.0
10.0
8.0
14.5
19.5
ECWH20162
□V( )
0.0016
18.0
7.5
14.5
19.5
ECWH20132
□V( )
0.0013
18.0
7.0
14.0
19.0
15.0
15.0
ECWH20112
□V( )
0.0011
18.0
6.5
13.5
18.5
ECWH20102
□V( )
0.0010
18.0
6.5
13.5
18.5
15.0
18.5
Rating · Dimensions · Quantity
S
Straight
Crimped
lead
Straight
Crimped
lead
Part No.
Capaci-
tance
(μF)
L
max.
T
max.
H max.
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com