Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74BCT652 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74BCT652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74BCT652 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74BCT652 Datasheet HTML 2Page - Texas Instruments SN74BCT652 Datasheet HTML 3Page - Texas Instruments SN74BCT652 Datasheet HTML 4Page - Texas Instruments SN74BCT652 Datasheet HTML 5Page - Texas Instruments SN74BCT652 Datasheet HTML 6Page - Texas Instruments SN74BCT652 Datasheet HTML 7Page - Texas Instruments SN74BCT652 Datasheet HTML 8Page - Texas Instruments SN74BCT652 Datasheet HTML 9Page - Texas Instruments SN74BCT652 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN54BCT652, SN74BCT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS038A − AUGUST 1989 − REVISED NOVEMBER 1993
2−6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT652
SN74BCT652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MIN
MAX
MIN
MAX
UNIT
fmax
77
77
77
MHz
tPLH
CLKBA
A
2.6
6.9
8.9
2.6
11.6
2.6
10.5
ns
tPHL
CLKBA
A
2.8
6.8
8.8
2.8
10.7
2.8
9.9
ns
tPLH
CLKAB
B
2.6
6.9
8.9
2.6
11.6
2.6
10.5
ns
tPHL
CLKAB
B
2.8
6.8
8.8
2.8
10.7
2.8
9.9
ns
tPLH
A
B
1.7
5.8
7.5
1.7
10.3
1.7
8.9
ns
tPHL
A
B
2.4
6.5
8.2
2.4
11
2.4
9.8
ns
tPLH
B
A
1.7
5.8
7.5
1.7
10.3
1.7
8.9
ns
tPHL
B
A
2.4
6.5
8.2
2.4
11
2.4
9.8
ns
tPLH
SBA†
A
3.5
8.8
10.8
3.5
14.2
3.5
13.1
ns
tPHL
SBA†
(with B high)
A
2.4
5.9
7.7
2.4
9.1
2.4
8.5
ns
tPLH
SBA†
A
3
7.6
9.7
3
12.4
3
11.3
ns
tPHL
SBA†
(with B low)
A
3.8
8.3
10.4
3.8
12.9
3.8
12.5
ns
tPLH
SAB†
B
3.5
8.8
10.8
3.5
14.2
3.5
13.1
ns
tPHL
SAB†
(with A high)
B
2.4
5.9
7.7
2.4
9.1
2.4
8.5
ns
tPLH
SAB†
B
3
7.6
9.7
3
12.4
3
11.3
ns
tPHL
SAB†
(with A low)
B
3.8
8.3
10.4
3.8
12.9
3.8
12.5
ns
tPZH
OEBA
A
2.5
7.2
8.9
2.5
11.2
2.5
10.6
ns
tPZL
OEBA
A
3.2
8.1
10.1
3.2
12.6
3.2
12
ns
tPHZ
OEBA
A
2.8
6.7
8.6
2.8
10.9
2.8
10
ns
tPLZ
OEBA
A
2.4
6.3
8.4
2.4
10.5
2.4
9.5
ns
tPZH
OEAB
B
1.5
5.4
7.1
1.5
9
1.5
8.1
ns
tPZL
OEAB
B
2.3
6.2
8.1
2.3
10.3
2.3
9.3
ns
tPHZ
OEAB
B
3.5
8.2
10
3.5
12.2
3.5
11.6
ns
tPLZ
OEAB
B
2.8
7.2
9.5
2.8
12
2.8
11.3
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com