Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRP3822X-R68M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # HRP3822X-R68M
Description  HRP3822X SeriesShielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HRP3822X-R68M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  HRP3822X-R68M Datasheet HTML 1Page - Bourns Electronic Solutions HRP3822X-R68M Datasheet HTML 2Page - Bourns Electronic Solutions HRP3822X-R68M Datasheet HTML 3Page - Bourns Electronic Solutions HRP3822X-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HRP3822X Series – Shielded Power Inductors
Features
n
Shielded construction
n
Metal alloy powder core
n
High saturation current
n
Low DCR
n
Low buzz noise
n
RoHS compliant* and halogen free**
Applications
n
Industrial high current filters
n
High current battery charging
n
DC-DC converters
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications
Bourns Part No.
Inductance @ 0 A
Irms (A) Typ.
Isat (A) Typ.
DCR (mW)
Q Min. @
100 kHz
SRF (MHz)
Ref.
L (mH)
Tol. %
40 °C Rise 100 °C Rise
1
2
Typ.
Max.
HRP3822X-R68M
0.68
±20
154
235
301
420
0.11
0.13
20
20
HRP3822X-R82M
0.82
132
196
235
332
0.18
0.20
20
18
HRP3822X-1R5M
1.5
120
175
138
193
0.25
0.26
60
13
HRP3822X-2R2M
2.2
115
168
104
150
0.33
0.36
60
11
HRP3822X-3R3M
3.3
96
150
87
124
0.40
0.42
60
8
General Specifications
Operating Temperature
.................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature ... -40 °C to +125 °C
Temperature Rise
......... 40 °C and 100 °C at rated Irms1
Saturation Current
.......... Inductance drops 20 % at Isat1,
30 % at Isat2
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
1Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions
all affect the part temperature. Part temperature
should be verified in the end application.
Materials
Core Material.............Metal alloy powder
Wire .............................Enameled copper
Terminal.............................................. Sn
Packaging.......................20 pcs. per tray
How to Order
HRP3822X - R68 M
Model
Inductance Value Code
R68 = 0.68 µH
Tolerance Code
M = ±20 %
Product Dimensions
R68
2318
38.1 ± 0.5
(1.50 ± .020)
21.7 ± 0.4
(.854 ± .016)
38.1 ± 0.5
(1.50 ± .020)
12.8 ± 1.0
(.504 ± .039)
E
F
G
E1
E2
EXPOSED COPPER
ON TERMINAL ROOT
IS ACCEPTABLE
≤ 1/4 OF E DIM.
11.5 ± 1.0
(.452 ± .039)
Part Number
E
E1
E2
F
G
HRP3822X-R68M
4.05 ± 0.3
(.159 ± .012)
7.2 ± 0.3
(.283 ± .012)
3.2 ± 0.8
(.126 ± .031)
14.5 ± 0.8
(.571 ± .031)
7.3 ± 0.8
(.287 ± .031)
HRP3822X-R82M
2.55 ± 0.3
(.100 ± .012)
6.6 ± 0.3
(.260 ± .012)
3.9 ± 0.8
(.154 ± .031)
15.1 ± 0.8
(.594 ± .031)
8.9 ± 0.8
(.350 ± .031)
HRP3822X-1R5M
HRP3822X-2R2M
HRP3822X-3R3M
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications. The products described herein and this
document are subject to specific legal disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - HRP3822X-R68M

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP30N04K SEMIHOW-HRP30N04K Datasheet
867Kb / 8P
Superior Avalanche Rugged Technology
logo
SHENZHEN DOINGTER SEMIC...
HRP30N04K DOINGTER-HRP30N04K Datasheet
2Mb / 6P
N-Channel MOSFET uses advanced trench technology
logo
Hitachi Semiconductor
HRP32 HITACHI-HRP32 Datasheet
27Kb / 5P
Silicon Schottky Barrier Diode for Rectifying
logo
SemiHow Co.,Ltd.
HRP33N04K SEMIHOW-HRP33N04K Datasheet
956Kb / 8P
Superior Avalanche Rugged Technology
HRP35N04K SEMIHOW-HRP35N04K Datasheet
1Mb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HRP3822X-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com