Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRP3822X-R82M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # HRP3822X-R82M
Description  HRP3822X SeriesShielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HRP3822X-R82M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  HRP3822X-R82M Datasheet HTML 1Page - Bourns Electronic Solutions HRP3822X-R82M Datasheet HTML 2Page - Bourns Electronic Solutions HRP3822X-R82M Datasheet HTML 3Page - Bourns Electronic Solutions HRP3822X-R82M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HRP3822X Series – Shielded Power Inductors
Inductance vs. IDC
Inductance vs. Frequency
1.00
0.80
0.60
0.40
0.20
0
1.20
0.96
0.72
0.48
0.24
0
0
90.0
180.0
270.0
360.0
450.0
DC Current (A)
0
72.0
144.0
216.0
288.0
360.0
DC Current (A)
250
200
150
100
50
0
250
200
150
100
50
0
HRP3822X-R68M
3.00
2.40
1.80
1.20
0.60
0
0
44.0
88.0
132.0
176.0
220.0
DC Current (A)
250
200
150
100
50
0
HRP3822X-2R2M
5.00
4.00
3.00
2.00
1.00
0
0
36.0
72.0
108.0
144.0
180.0
DC Current (A)
250
200
150
100
50
0
HRP3822X-3R3M
HRP3822X-R82M
2.00
1.60
1.20
0.80
0.40
0
0
50.0
100.0
150.0
200.0
250.0
DC Current (A)
250
200
150
100
50
0
HRP3822X-1R5M
4.0
3.0
2.0
1.0
0
(1.0)
(2.0)
(3.0)
4.0
3.0
2.0
1.0
0
(1.0)
(2.0)
(3.0)
(4.0)
8.0
6.0
4.0
2.0
0
(2.0)
(4.0)
(6.0)
0.1
1
10
100
Frequency (MHz)
0.1
1
10
100
Frequency (MHz)
0.1
1
10
100
Frequency (MHz)
0.1
1
10
100
Frequency (MHz)
0.1
1
10
100
Frequency (MHz)
HRP3822X-R68M
15.0
10.0
5.00
0
(5.0)
(10.0)
15.0
10.0
5.00
0
(5.0)
(10.0)
HRP3822X-2R2M
HRP3822X-3R3M
HRP3822X-R82M
HRP3822X-1R5M
REV. 03/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com