Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHS Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # MF-RHS
Description  MF-RHS Series - High Temperature PTC Resettable Fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHS Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  MF-RHS Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 4Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 5Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 6Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 7Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 8Page - Bourns Electronic Solutions MF-RHS Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MF-RHS Series Tape and Reel Specifications
Devices taped using EIA-468/IEC 60286-2 standards. See table below and figures for details.
Dimension Description
IEC
Mark
EIA
Mark
Dimensions
Tolerance
Carrier tape width
W
W
18
(.709)
+1.0/-0.5
(+.039/-.020)
Hold down tape width
W0
W0
11
(.433)
min.
Hold down tape
No protrusion
Adhesive tape position
W2
W2
3
(.118)
max.
Sprocket hole position
W1
W1
9
(.354)
+0.75-0.5
(+.030/-.020)
Sprocket hole diameter
D0
D0
4
(.157)
±0.2
(±.0078)
Height to seating plane (straight lead)
H
H
18 ~ 20
(.709 ~ .787)
Height to seating plane (formed lead)
H0
H0
16
(.630)
±0.5
(±.020)
Overall height above abscissa: MF-RHS350 ~ MF-RHS650
H1
H1
38.5
(1.516)
max.
Overall height above abscissa: MF-RHS700 ~ MF-RHS1300
H1
H1
45.0
(1.772)
max.
Cutout length
L
11
(.433)
max.
Sprocket hole pitch
P0
P0
12.7
(.500)
±0.3
(±.012)
Device pitch: MF-RHS350 ~ MF-RHS650
P
P
12.7
(0.50)
±0.3
(±.012)
Device pitch: MF-RHS700 ~ MF-RHS1300
P
P
25.4
(1.00)
±0.6
(±.024)
Pitch tolerance
20 consecutive
±1
(±.039)
Composite tape thickness
t
t
0.9
(.035)
max.
Overall tape and lead thickness
t1
t1
2.3
(.091)
max.
Splice sprocket hole alignment
0
±0.3
(±.012)
Front-to-back deviation
Δh
Δh
0
±1.0
(±.039)
Side-to-side deviation
Δp
Δp
0
±1.3
(±.051)
Ordinate to adjacent component lead: MF-RHS350 ~ MF-RHS800
P1
P1
3.81
(.150)
±0.7
(±.028)
Ordinate to adjacent component lead: MF-RHS900 ~ MF-RHS1300
P1
P1
7.62
(.300)
±0.7
(±.028)
Lead spacing: MF-RHS350 ~ MF-RHS800
F
F
5.08
(.200)
+0.6/-0.2
(+.024/-.008)
Lead spacing: MF-RHS900 ~ MF-RHS1300
F
F
10.2
(.400)
+0.6/-0.2
(+.024/-.008)
— Continued on next page —
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com