Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F21 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F21
Description  DUAL 4-INPUT POSITIVE-AND GATES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74F21 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F21 Datasheet HTML 1Page - Texas Instruments SN74F21 Datasheet HTML 2Page - Texas Instruments SN74F21 Datasheet HTML 3Page - Texas Instruments SN74F21 Datasheet HTML 4Page - Texas Instruments SN74F21 Datasheet HTML 5Page - Texas Instruments SN74F21 Datasheet HTML 6Page - Texas Instruments SN74F21 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54F21, SN74F21
DUAL 4INPUT POSITIVEAND GATES
SDFS006A − MARCH 1987 − REVISED OCTOBER 1993
Copyright
 1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain two independent 4-input
AND gates. They perform the Boolean functions
Y = A
• B • C • D or Y = A + B + C + D in positive
logic.
The SN54F21 is characterized for operation over
the full military temperature range of − 55
°C to
125
°C. The SN74F21 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
H
L
XX
X
L
X
LX
X
L
X
XL
X
L
X
X
X
L
L
logic symbol†
&
1Y
6
2Y
8
1
1A
2
1B
4
1C
5
1D
9
2A
10
2B
12
2C
13
2D
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
logic diagram, each gate (positive logic)
Y
A
B
C
D
SN54F21 ...J PACKAGE
SN74F21 ...D OR N PACKAGE
(TOP VIEW)
SN54F21 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F21 TI-SN74F21 Datasheet
67Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN74F21D TI-SN74F21D Datasheet
67Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN74F21DR TI1-SN74F21DR Datasheet
388Kb / 6P
DUAL 4-INPUT POSITIVE-AND GATES
SN74F21DRE4 TI1-SN74F21DRE4 Datasheet
388Kb / 6P
DUAL 4-INPUT POSITIVE-AND GATES
SN74F21DRG4 TI1-SN74F21DRG4 Datasheet
388Kb / 6P
DUAL 4-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74F21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
Dual 4-input Positive AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Texas Instruments
SN54HC21 TI-SN54HC21_06 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
Dual 4-input Positive AND Gates
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com