Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1QFS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS1QFS
Description  1A, 1200V High Efficient Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1QFS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS1QFS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1QFS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1QFS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1QFS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HS1QFS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HS1QFS
Taiwan Semiconductor
1
Version: A2505
1A, 1200V High Efficient Surface Mount Rectifier
FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Low power loss, high efficiency
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode converters and inverters
● Lighting application
● Snubber
● Freewheeling application
● Bootstrap rectifier
MECHANICAL DATA
● Case: SOD-128
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.028g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
1200
V
IFSM
35
A
TJ MAX
175
°C
Package
SOD-128
Configuration
Single die
SOD-128
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
1200
V
Reverse voltage, total rms value
VR(RMS)
840
V
Forward current
IF
1
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
35
A
t = 1.0ms
130
Junction temperature
TJ
-40 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - HS1QFS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1QFSH TSC-HS1QFSH Datasheet
435Kb / 5P
1A, 1200V High Efficient Surface Mount Rectifier
Version: A2505
More results

Similar Description - HS1QFS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SE1A SEMTECH_ELEC-SE1A Datasheet
197Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIER
logo
Frontier Electronics.
EFM11M FRONTIER-EFM11M Datasheet
129Kb / 2P
1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
ES1A-LFR FRONTIER-ES1A-LFR Datasheet
132Kb / 2P
1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
MURA130 SUNMATE-MURA130 Datasheet
145Kb / 2P
1.0A Surface Mount High Efficient Rectifier
MURA160 SUNMATE-MURA160 Datasheet
109Kb / 2P
1.0A Surface Mount High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HS1AFL TSC-HS1AFL Datasheet
333Kb / 7P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
HS1D-K TSC-HS1D-K Datasheet
417Kb / 6P
1A, 200V - 1000V High Efficient Surface Mount Rectifier
HS1DLW TSC-HS1DLW Datasheet
202Kb / 4P
1A, 200V - 1000V High Efficient Surface Mount Rectifiers
US1AH TSC-US1AH Datasheet
573Kb / 6P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1Q TS-S1Q Datasheet
372Kb / 5P
1A, 1200V Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com