Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440M Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 440M
Description  RS-485 Modbus RTU Interface to 32 Reed Relay Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

440M Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  440M Datasheet HTML 1Page - Sealevel Systems, Inc. 440M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
RS-485 Modbus RTU Interface to 32 Reed Relay Outputs
Part: 440M | Model: SeaI/O-440M
Features
• RS-485 Modbus RTU interface
• 32 SPST Form A Reed relays
• Removable screw terminals simplify field wiring
• Input power via terminal block or modular connector
• DIN rail mount or table mount
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems
Specifications
Family
SeaI/O
Contact Bounce
Time
0.5ms max.
Contact Operate
Time
0.5ms max.
Contact Release
Time
0.2ms max.
Contact Voltage
60VDC max.
Digital I/O
Reed Relay Outputs
Dimensions
7.5 (L) x 5.1 (W) x 1.3 (H)
Extended
Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
RS-485
Number of Inputs/
Outputs
32 Outputs
Input Impedance
6.2 K Ohms (in series)
Host Interface(s)
Ethernet
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
32
Power Requirement
9-30 VDC @ 2.5W
RoHS Compliant
Yes
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
sealevel.com
+1 864.843.4343
SL9604 G22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com