Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5168AX Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5168AX
Description  PLL Synthesizer IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5168AX Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5168AX Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SM5168 series
SEIKO NPC CORPORATION —2
PINOUT
(Top view)
SM5168A
× series
SM5168C
× series
PIN DESCRIPTION
1
2
8
3
4
6
5
DO
VSS
FIN
OPR
TEST
7
LD
XIN
VDD
1
2
8
3
4
6
5
DO
VSS
FIN
TR
TEST
7
LD
XIN
VDD
Number
Name
I/O
Description
1
VDD
–
2.7 to 3.6V supply
2DO
O
Phase comparator error signal three-state output pin.
Built-in charge pump means that this output can be connected to a low-pass filter. The output
polarity is preset for connection to a passive filter.
3
VSS
–
Ground pin
4
FIN
I
Phase comparator frequency divider (N-counter) signal input pin.
Feedback resistor built-in, so input can be AC-coupled.
5
OPR
(SM5168A
× series)
I
Power-save control pin.
Start when HIGH, standby mode when LOW.
TR
(SM5168C
× series)
Frequency divider switching control.
Switches between 2 sets of reference and comparator frequency dividers.
6
TEST
I
Test pin.
Leave open or connect to VSS for normal operation.
7
LD
O
Unlock signal output pin. (Unlocked when LOW)
8
XIN
I
Reference frequency divider (R-counter) external clock input pin.
Feedback resistor built-in, so input can be AC-coupled.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com