Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSF1060 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSF1060
Description  Panel Circuit Indicator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSF1060 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSF1060 Datasheet HTML 1Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 2Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 3Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 4Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 5Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 6Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 7Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 8Page - Toshiba Semiconductor TLSF1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TL(RF,SF,OF,YF,PYF,GF,FGF,PGF)1060(T18)
2006-05-30
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRF1060
40
100
320
20
PA / QA / RA / SA
TLSF1060
100
200
500
20
RA / SA / TA
TLOF1060
100
220
500
20
RA / SA / TA
TLYF1060
63
180
320
20
QA / RA / SA
TLPYF1060
40
100
320
20
PA / QA / RA / SA
TLGF1060
40
80
320
20
PA / QA / RA / SA
TLFGF1060
25
50
125
20
NA / PA / QA
TLPGF1060
10
20
50
20
LA / MA / NA
Unit
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
LA
10
20
MA
16
32
NA
25
50
PA
40
80
QA
63
125
RA
100
200
SA
160
320
TA
250
500
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRF1060
⎯
644
⎯
18
624
630
638
TLSF1060
⎯
623
⎯
17
607
613
621
TLOF1060
⎯
612
⎯
15
599
605
613
TLYF1060
⎯
590
⎯
13
580
587
595
TLPYF1060
⎯
583
⎯
13
574
580
586
TLGF1060
⎯
574
⎯
11
565
571
576
TLFGF1060
⎯
568
⎯
11
565
565
565
TLPGF1060
⎯
562
⎯
11
555
558
564
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com