Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRE11TP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLRE11TP
Description  Panel Circuit Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRE11TP Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLRE11TP Datasheet HTML 1Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 2Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 3Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 4Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 5Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 6Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 7Page - Toshiba Semiconductor TLRE11TP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TL(RE,OE,YE,GE,PGE)11TP(F)
2007-10-01
7
TLPGE11TP(F)
IV – IF
IF – VF
640
0.8
0
0.6
1.0
0.2
0.4
IF = 20 mA
Ta
= 25°C
620
600
580
560
540
520
10
1
100
1
1000
3
5
30
50
10
Ta
= 25°C
100
3
5
30
50
300
500
1.6
50
30
10
3
1
5
100
Ta
= 25°C
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward voltage VF
(V)
Forward current IF (mA)
IV – Tc
20
−20
80
0.1
3
1
0.3
0.5
0
40
60
Case temperature Tc (°C)
Ta = 25 °C
10°
90°
0
90°
0.2
0.4
0.6
0.8
80°
70°
60°
50°
40°
30°
20°
10°
0°
70°
80°
50°
60°
30°
40°
20°
Radiation pattern
IF – Ta
40
0
120
60
0
40
80
20
20
60
80
100
Ambient temperature Ta (°C)
Wavelength
λ (nm)
Relative luminous intensity – Wavelength



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com