Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH1032 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSH1032
Description  Panel Circuit Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH1032 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSH1032 Datasheet HTML 1Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 2Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 3Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 4Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 5Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 6Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 7Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 8Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
2006-06-06
2
Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRH1032
TLRMH1032
TLSH1032
TLOH1032
TLYH1032
60
TLGH1032
TLFGH1032
25
4
62.5
−40~100
−40~100
Note 1: Forward current derating
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current
IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLRH1032
1.7
2.0
2.4
TLRMH1032
1.7
2.0
2.4
TLSH1032
1.7
2.0
2.4
TLOH1032
1.7
2.0
2.4
TLYH1032
1.7
2.0
2.4
TLGH1032
1.8
2.1
2.5
TLFGH1032
1.9
2.2
2.5
20
10
4
Unit
V
mA
μA
V
Ambient temperature Ta (°C)
IF – Ta
0
0
20
40
60
80
100
120
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com