Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRE27CF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLRE27CF
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRE27CF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLRE27CF Datasheet HTML 1Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 2Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 3Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 4Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 5Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 6Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 7Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 8Page - Toshiba Semiconductor TLRE27CF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL(RE,RME,SE,OE,YE,GE)27C(F)
2007-10-01
2
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission
Wavelength
Luminous
Intensity
IV
Forward
Voltage
VF
Reverse
Current
IR
Product
Name
λd
λp
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE27C(F)
630
(644)
20
20
85
300
20
1.9
2.4
20
50
4
TLRME27C(F)
626
(636)
23
20
153
400
20
1.9
2.4
20
50
4
TLSE27C(F)
613
(623)
20
20
272
750
20
1.9
2.4
20
50
4
TLOE27C(F)
605
(612)
20
20
272
800
20
2.0
2.4
20
50
4
TLYE27C(F)
587
(590)
17
20
272
650
20
2.0
2.4
20
50
4
TLGE27C(F)
571
(574)
17
20
85
250
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(Soldering portion of lead: below the lead stopper of the device)
• If the lead is formed, the lead should be formed up to below the lead stopper of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com