Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CON1
Description  Power Cord - IEC 60320 C7 Receptacle to Free End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CON1 Datasheet(HTML) 1 Page - Multicomp Pro

  CON1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
23/06/22
Power Cord - IEC 60320 C7
Receptacle to Free End
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Cable Length
: 2m / 6.6ft
Connector Type A
: IEC 60320 C7 Receptacle
Connector Type B
: Free End
Voltage Rating
: 250V
Current Rating
: 2.5A
Cable Type
: HO3VVH2-F 2 × 0.75
Jacket Colour
: Black
Diagram
Dimensions : Millimetres
Part Number Table
Description
Part Number
Power Cord - IEC 60320 C7 Receptacle to Free End, 2m, Black
CON1
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - CON1

ManufacturerPart #DatasheetDescription
logo
Clarke International
CON1150 CLARKE-CON1150 Datasheet
3Mb / 20P
ANGLE GRINDER
GC11/22 -Rev1
CON1200RD CLARKE-CON1200RD Datasheet
4Mb / 20P
ROTARY HAMMER DRILL
GC1023 - ISS 6
logo
Automatic Timing & Cont...
CON120A1SN12W ATC-CON120A1SN12W Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
CON120A1SN12X ATC-CON120A1SN12X Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
CON120A1SN18W ATC-CON120A1SN18W Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
More results

Similar Description - CON1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2510 SCHURTER-2510 Datasheet
332Kb / 2P
Power Cord with IEC Connector C7, Straight 70째C
2511 SCHURTER-2511 Datasheet
333Kb / 2P
Power Cord with IEC Connector C7, Angled
2514 SCHURTER-2514 Datasheet
317Kb / 2P
Power Cord with IEC Plug C7, Angled
logo
PowerDynamics, Inc
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10092 POWERDYNAMICS-10092 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 1-15P TO IEC 60320 C7
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
logo
Schurter Inc.
6013.0478 SCHURTER-6013.0478 Datasheet
219Kb / 3P
EU Power Cord with IEC Connector C7, Straight
logo
Tripp Lite. All Rights ...
P016-000 TRIPPLITE-P016-000 Datasheet
159Kb / 2P
IEC C14 to IEC C7 Power Cord Adapter - 10A, 250V, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com