Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201N104F Datasheet(PDF) 13 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201N104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201N104F Datasheet(HTML) 13 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201N104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION 0201N104F Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 13 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
9. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Test Condition
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
Class I: (NP0)
≦
1000pF, 1.0±0.2Vrms,1MHz±10%
>
1000pF, 1.0±0.2Vrms,1KHz±10%
Class II: (X7R, X7E, X6S, X5R,X7S,Y5V)
≦
C
10µF, 1.0±0.2Vrms,1KHz±10% **
C>10µF, 0.5±0.2Vrms,120Hz±20%
** Test condition: 0.5±0.2Vrms,1KHz±10%
X7R:
0805=106(6.3V), 0603/475(6.3V)
X5R:
≧
0201
224 (6.3V,10V,16V)
#1
,
≧
0402
475 (6.3V,16V
≧
), 0402
225(10V),
0603=106 (6.3V)
≧
TT18X
475(10V) , TT15X series
X6S:
0201/474(4V),
≧
0201
104 (6.3V,10V
#1
),
≧
0402
225 (6.3V),
0402/475 (10V), 0603/106 (6.3V),
X7S:
0402/225(6.3V)
#1 Excluding
X5R/0201/105(6.3V);225(10V) ,
0402X475M6R3
X6S/0201/104(10V)
(1.0±0.2Vrms,1KHz±10%)
*Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set
for 24±2 hrs at room temp.
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
NP0: Cap
≥30pF, Q≥1000; Cap<30pF,Q≥400+20C
X7R:
Rated
vol.
≦
D.F.
≦
Exception of D.F.
≧
100V ≦2.5%
≦
3%
1206≧0.47
µF
≦
5%
0603≧0.068
µF; 0805>0.1µF; 1206≧1µF; 1210≧2.2µF;
≦
10%
0805>0.22µF; 1210≧3.3
µF
50V
≦
2.5%
≦
3%
0201(50V); 0603≧0.047
µF; 0805≧0.18µF; 1206≧0.47µF
≦
5%
0201≧0.01uF; 1210≧3.3
µF
≦
10%
0402≧0.012
µF; 0603>0.1µF; 0805/X7R>0.47µF;
1206≧2.2
µF; 1210≧10µF
35V
≦
3.5% ≦10%
0603≧1
µF; 0805≥2.2µF; 1206≧2.2µF; 1210≧10µF
25V
≦
3.5%
≦
5%
0201≧0.01
µF; 0805≧1µF; 1210≧10µF
≦
7%
0603≧0.33
µF
≦
10%
0201≧0.1
µF; 0402≧0.056µF; 0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF; 1210≧22µF
≦
12.5% 0402≧0.47
µF
16V
≦
3.5%
≦
5%
0201≧0.01
µF; 0402≧0.033µF; 0603≧0.15µF;
0805≧0.68
µF; 1206≧2.2µF; 1210≧4.7µF
≦
10%
0201/X7R≧0.022
µF; 0402≧0.22uF;
0603>0.47
µF; 0805≧2.2µF; 1206≧4.7µF; 1210≧22µF
10V
≦
5%
≦
10%
0201≧0.012
µF; 0402≧0.22µF;
0603≧0.33
µF; 0805≧2.2µF; 1206≧2.2µF; 1210≧22µF
≦
15%
0201≧0.1
µF; 0402≧1µF
6.3V
≦
10%
≦
15%
0201≧0.1
µF; 0402≧1µF; 0603≧10µF;
0805≧4.7
µF; 1206≧47µF; 1210≧100µF
≦
20%
0402≧2.2
µF
4V
≦
15%
---
---
X5R:
Rated
vol.
≦
D.F.
≦
Exception of D.F.
≧
100V ≦2.5%
≦
3%
1206≧0.47
µF
≦
5%
0603≧0.068
µF; 0805>0.1µF; 1206≧1µF; 1210≧2.2µF
≦
10%
0805>0.22µF; 1210≧3.3
µF
50V
≦
2.5%
≦
3%
0201(50V); 0603≧0.047
µF; 0805≧0.18µF; 1206≧0.47µF
≦
5%
0201≧0.01uF; 1210≧3.3
µF
≦
10%
0402≧0.012
µF; 0603>0.1µF; 0805≧1µF;1206≧2.2µF; 1210≧10µF
≦
12.5% 1206=10
µF
35V
≦
3.5% ≦10%
0603≧1
µF; 0805≥2.2µF; 1206≧2.2µF; 1210≧10µF
25V
≦
3.5%
≦
5%
0201=0.01
µF; 0805≧1µF
≦
7%
0603≧0.33
µF
≦
10%
0201>0.01
µF; 0402≧0.10µF; 0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF; 1210≧10µF
≦
12.5% 0402≧0.47
µF;0805=10µF
16V
≦
3.5%
≦
5%
0201=0.01
µF; 0402≧0.033µF; 0603≧0.15µF;
0805≧0.68
µF; 1206≧2.2µF; 1210≧4.7µF
≦
10%
0201>0.01uF; 0402≧ 0.22uF;
0603>0.47
µF; 0805≧2.2µF; 1206≧4.7µF; 1210≧22µF
≦
12.5% 0402≧1
µF;0805=10µF
10V
≦
5%
≦
10%
0201≧0.012
µF; 0402≧0.22µF;
0603≧0.33
µF; 0805≧2.2µF; 1206≧2.2µF; 1210≧22µF; 01R5/X5R
≦
12.5% 0805=10
µF
≦
15%
0201>0.1
µF; 0402≧1µF; 0603≧10µF
6.3V
≦
10%
≦
15%
0201>0.1
µF; 0402≧1µF; 0603≧10µF;
0805≧4.7
µF; 1206≧47µF; 1210≧100µF
≦
20%
0402≧2.2
µF
4V
≦
15%
---
---
Y5V:
Rated vol. D.F. ≦ Exception of D.F.≦
≧
50V
≦
5%
≦
7%
0603≧0.1
µF;0805≧0.47µF;1206≧4.7µF
≦
12.5% 1210≧6.8
µF
35V
≦
7%
---
---
25V
≦
5%
≦
7%
0402≧0.047
µF;0603≧0.1µF;0805≧0.33µF;
1206≧1
µF;1210≧4.7µF
≦
9%
0402≧0.068
µF;0603≧0.47µF;1206≧4.7µF;
1210≧22
µF
16V
(C<1.0
µF)
≦
7%
≦
9%
0402≧0.068
µF;0603≧0.68µF
≦
12.5% 0402≧0.22
µF
16V
(C≧1.0
µF)
≦
9%
≦
12.5%
0603≧2.2
µF;0805≧3.3µF;1206≧10µF;
1210≧22
µF;1812≧47µF
10V
≦
12.5% ≦20%
0402≧0.47
µF
6.3V
≦
20%
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com