Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201S104F Datasheet(PDF) 15 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201S104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201S104F Datasheet(HTML) 15 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201S104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION 0201S104F Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 15 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
No
.
Item
Test Condition
Requirements
5. Insulation
Resistance
To apply rated voltage for MAX. 120sec.
≧
10G
or RxC
500 -F whichever is smaller.
Class II (X7R, X7E, X5R,X6S,X7S,Y5V:)
Rated voltage
Insulation
Resistance
100V: All X7R
10G
or
≧
RxC
100
-F
whichever is
smaller.
50V:0402>0.01µF;0603
≥1µF;0805≥1µF;1206≥4.7µF;1210≥4.7µF
35V:0805
≥2.2µF
≧
;1206 2.2µF
≧
;1210 10µF
25V:0402
≥1µF;0603≥2.2µF;0805≥2.2µF;1206≥10µF;1210≥10µF
16V: 0201
≥0.1µF,0402≥0.22µF;0603≥1µF;
0805
≥2.2µF;1206≥10µF;1210≥47µF
10V:0201
≥47nF;0402≥0.47µF;0603≥0.47µF;0805≥2.2µF;
1206
≥4.7µF;1210≥47µF
6.3V ; 4V ; Size
≥1812
Rated voltage
Insulation
Resistance
All X6S items, All X7S items
RxC≧50
-F.
100V: 1210
≥3.3µF
50V: 0402
≥0.1µF; 0603≥2.2µF; 0805≥10µF;1206≥10µF
35V: 0603
≥1µF;
25V: 0201
≥0.1µF; 0402≥2.2µF;0603≥10µF; 0805≥10µF;1206≥22µF
16V: 0603
≥10µF; 0402≥1µF; 0201≥0.22µF
10V: 0201>0.1µF; 0402
≥1µF; 0603≥10µF; 0805≥47µF
6.3V:0201
≥0.1µF; 0402≥1µF; 0603>4.7µF; 0805≥47µF; 1206≥10µF
4V: 0603
≥22µF; 0805≥47µF; 1206≥100µF
6. Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NPO
-55~125°C at 25°C
X7R
-55~125°C at 25°C
X7S
-55 ~ 125°C at 25°C
X5R
-55~ 85°C at 25°C
X6S
-55~105°C at 25°C
Y5V
-25~ 85°C at 20°C
*Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
* Measurement voltage for Class II:
T.C.
Capacitance Change
NPO
Within ±30ppm/°C
X7R
Within ±15%
X7S
Within ±22%
X5R
Within ±15%
X6S
Within ±22%
Y5V
Within +30%/-80%
01005
0201
Cap
≤0.01µF: 0.5V
Cap<0.1µF:1V
Cap>0.01µF: 0.2V
0.1µF*
≤Cap<1µF: 0.2V
Cap
≥1µF: 0.1V
* 0201X104/16V: 0.5V
0201X224/10V: 0.5V
0201S224/6.3V: 0.3V
0402
0603
Cap<1µF: 1V
Cap<1µF: 1V
Cap=1µF: 0.5V**
0402B224-16V: 0.5V
0402B474-10V: 0.5V
0402X475M6R3: 0.5V
1µF
≤Cap≤4.7µF: 0.5V
1µF<Cap<10µF: 0.2V
**0402B105M6R3V: 0.2V
Cap>4.7µF: 0.2V
Cap
≥10µF: 0.1V
0805
1206/1210
Cap<10µF: 1V
Cap
≤10µF: 1V
Cap=10µF: 0.5V
10µF<Cap
≤100µF: 0.5V
Cap>10µF: 0.2V
Cap>100µF: 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com