Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72028ASEH Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL72028ASEH
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEH Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL72028ASEH Datasheet HTML 1Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 2Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 3Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
FN8863 Rev.1.00
Page 4 of 25
Jul 27, 2017
ISL72028ASEH
1. Overview
1.
Overview
1.1
Ordering Information
Ordering/
SMD Number (Note 1)
Part Number
(Note 2)
Temp Range
(°C)
Package
(RoHS Compliant)
Pkg.
Dwg. #
5962L1522809VXC
ISL72028ASEHVF
-55 to +125
8 Ld Ceramic Flatpack
K8.A
N/A
ISL72028ASEHF/PROTO, (Note 3)
-55 to +125
8 Ld Ceramic Flatpack
K8.A
5962L1522809V9A
ISL72028ASEHVX
-55 to +125
Die
N/A
ISL72028ASEHX/SAMPLE, (Note 3)
-55 to +125
Die
N/A
ISL72028ASEHEVAL1Z, (Note 4)
Evaluation Board
Notes:
1. Specifications for Radiation Tolerant QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The
SMD numbers listed in the Ordering Information must be used when ordering.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate -e4 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These
parts are intended for engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions
over-temperature specified in the DLA SMD and are in the same form and fit as the qualified device. The /SAMPLE die is
capable of meeting the electrical limits and conditions specified in the DLA SMD at +25°C only. The /SAMPLE is a die and does
not receive 100% screening over-temperature to the DLA SMD electrical limits. These part types do not come with a Certificate
of Conformance because there is no radiation assurance testing and they are not DLA qualified devices.
4. Evaluation boards use the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single
Event Effect (SEE) immunity.
Table 1. ISL7202xASEH Product Family Feature Table
Specification
ISL72026ASEH
ISL72027ASEH
ISL72028ASEH
Loopback Feature
Yes
No
No
VREF Output
No
Yes
Yes
Listen Mode
Yes
Yes
No
Shutdown Mode
No
No
Yes
VTHRLM
900mV (maximum)
900mV (maximum)
N/A
VTHFLM
325mV (minimum)
325mV (minimum)
N/A
VHYSLM
40mV (minimum)
40mV (minimum)
N/A
Supply Current, Listen Mode
2mA (maximum)
2mA (maximum)
N/A
Supply Current, Shutdown Mode
N/A
N/A
50µA (maximum)
VREF Leakage Current
N/A
±25µA (maximum)
±25µA (maximum)
Note: N/A = Not Applicable
Table 2. Product Family Comparison for Data Rate and Total Dose Radiation Testing
Specification
ISL7202xSEH
ISL7202xASEH
ISL7202xBSEH
ISL7202xCSEH
Data Rate: RS = 0V
1Mbps
1Mbps
1Mbps
1Mbps
Data Rate: RS = 10kΩ
250kbps
500kbps
250kbps
500kbps
Data Rate: RS = 50kΩ
125kbps
250kbps
125kbps
250kbps
HDR 100krad(Si)) Testing
No
No
Yes
Yes
LDR 75krad(Si) Testing
Yes
Yes
Yes
Yes
Note: HDR = High Dose Rate, LDR = Low Dose Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com