Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-07SMD Datasheet(PDF) 3 Page - Comus International

Part # RI-07SMD
Description  RI-07 SMD Series Dry Reed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-07SMD Datasheet(HTML) 3 Page - Comus International

  RI-07SMD Datasheet HTML 1Page - Comus International RI-07SMD Datasheet HTML 2Page - Comus International RI-07SMD Datasheet HTML 3Page - Comus International RI-07SMD Datasheet HTML 4Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
processing - stencil/screen solder paste, then oven reflow.
Due to board thickness, component density, and other
circumstances that dictate the required reflow temperature,
Comus Technology uses a higher temperature solder for all
internal connections. We recommend that the temperature
(measured at the reed switch leads) does not exceed 260°C
for 1 minute. Temperature and time in excess of the rec-
ommended levels may result in damage to the reed switch.
Handling Force
When possible don’t add pressure on the glass on placing
the reed switch on a pcb or device. However when han-
dling with a Pick and Place machine the acceptable force
on the reed switch is 3N with a max of 5N.
• As part of the company policy of continued product improvement, specifications
may change without notice. Our sales office will be pleased to help you with the
latest information on this product range and the details of our full design and
manufacturing service. All products are supplied to our standard conditions of
sale unless otherwise agreed in writing.
RI-07 SMD Series Dry Reed Switch
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 3 of 4
Recommended Soldering Reflow Profile
All Dimension in inches (mm) nominal
Dimensions for RI-07 SMD Tape and Reel
0.079 (2)
0.157 (4) Pitch
0.081 (2.05)
0.768 (19.5)
B-B
A-A
B
B
A
A
0.012 (0.3)
1.118 (28.4)
0.559 (14.2)
0.071 (1.8)
1.260 (32)
0.157 (4) Pitch
Ø 0.059 (1.5)
* Each tape and reel contains 5,000 pieces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com