Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-60SMDM Datasheet(PDF) 1 Page - Comus International

Part # RI-60SMDM
Description  RI-60SMDM Series Molded Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-60SMDM Datasheet(HTML) 1 Page - Comus International

  RI-60SMDM Datasheet HTML 1Page - Comus International RI-60SMDM Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RI-60SMDM Series Molded Dry Reed Switch
RI-60SMDM Series
Ultra-miniature dry-reed switch hermetically sealed in a gas-filled glass
envelope. Single-pole, single-throw (SPST) type, having normally open
contacts, and containing two magnetically actuated reeds.
The switch is of the double-ended type and may be actuated by an
electromagnet, a permanent magnet or a combination of both.
The RI-60SMDM is available in industry standard Gull wing lead
configurations.
RI-60SMDM Series Features
▪ Contact layers: gold, sputtered ruthenium
▪ Superior glass-to-metal seal and blade alignment
▪ Excellent life expectancy and reliability
▪ Industry standard SMD package
Dimensions for RI-60SMDM Series
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405
NOTES: * AT values are based on full length, measured using Philips Standard Coil (PSC).
Page 1 of 2
Group
Parameters
Test Conditions
Units
RI-60SMDM
Operating Characteristics
Operate Range
AT*
10-15
15-20
Release Range
AT*
3 (min)
4-18
Electrical Characteristics
Switched Power (max)
W
10
Switched Voltage DC (max)
V
200
Switched Voltage AC, RMS value (max)
V
140
Switched Current DC (max)
mA
500
Switched Current AC, RMS value (max)
mA
500
Carry Current DC (max)
mA
500
Breakdown Voltage (min)
V
230
Contact Resistance (initial max.)
mΩ
125
Contact Resistance (initial typ.)
mΩ
95
Contact Capacitance (max)
without test coil
pF
0.25
Insulation Resistance (min)
RH ≤ 45%
MΩ
106
Environmental Ratings
Storage Temperature
°C
-40 to +125
Operating Temperature
°C
-40 to +125
Vibration Resistance
G
10
Shock Resistance
G
100
Technical Specifications
Rev: 1 - 1 / 2019 - BR
All Dimensions in inches (mm)
are nominal unless noted otherwise.


Similar Part No. - RI-60SMDM

ManufacturerPart #DatasheetDescription
logo
Comus International
RI-60SMD COMUS-RI-60SMD Datasheet
1Mb / 3P
RI-60 SMD Series Dry Reed Switch
RI-60SMD-10-15 COMUS-RI-60SMD-10-15 Datasheet
1Mb / 3P
RI-60 SMD Series Dry Reed Switch
RI-60SMD1015 COMUS-RI-60SMD1015 Datasheet
1Mb / 3P
RI-60 SMD Series Dry Reed Switch
More results

Similar Description - RI-60SMDM

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
Dry Reed Switch
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
Dry Reed Switch
logo
List of Unclassifed Man...
RI-80SMD0515 ETC2-RI-80SMD0515 Datasheet
99Kb / 2P
RI-80 SMD Series Dry Reed Switch
RI-08A ETC2-RI-08A Datasheet
97Kb / 2P
RI-08 Series Dry Reed Switch
logo
Coto Technology
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
Dry Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com