Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-90 Datasheet(PDF) 2 Page - Comus International

Part # RI-90
Description  RI-90 Series Dry Reed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-90 Datasheet(HTML) 2 Page - Comus International

  RI-90 Datasheet HTML 1Page - Comus International RI-90 Datasheet HTML 2Page - Comus International RI-90 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RI-90 Series Dry Reed Switch
Technical Specifications
Parameters
Test Conditions
Units
RI-90
Operating Characteristics
Operate Range
AT
15-40
Release Range
AT
5 (min)
Operate Time - including Bounce (typ.)
ms
1.5
Bounce Time (typ.)
ms
1.0
Release Time (max)
ms
1.0
Resonant Frequency (typ.)
Hz
TBD
Electrical Characteristics
Switched Power (max)
W
5
Switched Voltage DC (max)
V
175
Switched Voltage AC, RMS value (max)
V
125
Switched Current DC (max)
mA
400
Switched Current AC, RMS value (max)
mA
280
Carry Current DC (max)
A
0.5
Breakdown Voltage (min)
V
200
Contact Resistance (initial max.)
mΩ
140
Contact Resistance (initial typ.)
mΩ
120
Contact Capacitance (max)
without test coil
pF
0.8
Insulation Resistance (min)
RH ≤ 45%
MΩ
103
Mounting
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be avoided
Care must be taken to prevent stray magnetic fields from
influencing the operating and measuring conditions.
• As part of the company policy of continued product improvement, specifications
may change without notice. Our sales office will be pleased to help you with the
latest information on this product range and the details of our full design and
manufacturing service. All products are supplied to our standard conditions of
sale unless otherwise agreed in writing.
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com