Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLN233F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLN233F
Description  Infrared LED for Space-Optical-Transmission
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN233F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLN233F Datasheet HTML 1Page - Toshiba Semiconductor TLN233F Datasheet HTML 2Page - Toshiba Semiconductor TLN233F Datasheet HTML 3Page - Toshiba Semiconductor TLN233F Datasheet HTML 4Page - Toshiba Semiconductor TLN233F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLN233(F)
2007-10-01
2
Optical and Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 100 mA
⎯
1.6
2.0
V
Reverse current
IR
VR = 4 V
⎯
⎯
60
μA
Radiant intensity
IE
IF = 50 mA
46
80
⎯
mW/sr
Radiant power
PO
IF = 50 mA
⎯
30
⎯
mW
Cut-off frequency
fc
IF = 50 mA + 5 mAP-P
(Note 3)
⎯
15
⎯
MHz
Peak emission wavelength
λP
IF = 50 mA
⎯
870
⎯
nm
Half-angle value
θ
2
1
IF = 50 mA
⎯
±13
⎯
°
Note 3: This is the frequency when modulation light power decreases by 3 dB from 1 MHz.
Handling Precautions
• Soldering must be performed under the stopper.
• When forming the leads, bend each lead at least 5 mm from the package body. Soldering must be performed
after the leads have been formed.
• The radiant intensity decreases over time due to current flowing in the infrared LED. When designing circuits,
take into account the change in radiant intensity over time. The change in radiant intensity is equal to the
reciprocal of the change in LED infrared optical output:
P (0)
o
P (t)
o
I (0)
E
I (t)
E
=
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com