Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8322Y/2K Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8322Y/2K
Description  16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8322Y/2K Datasheet(HTML) 2 Page - Texas Instruments

  ADS8322Y/2K Datasheet HTML 1Page - Texas Instruments ADS8322Y/2K Datasheet HTML 2Page - Texas Instruments ADS8322Y/2K Datasheet HTML 3Page - Texas Instruments ADS8322Y/2K Datasheet HTML 4Page - Texas Instruments ADS8322Y/2K Datasheet HTML 5Page - Texas Instruments ADS8322Y/2K Datasheet HTML 6Page - Texas Instruments ADS8322Y/2K Datasheet HTML 7Page - Texas Instruments ADS8322Y/2K Datasheet HTML 8Page - Texas Instruments ADS8322Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADS8322
SBAS215A – JULY 2001 – REVISED JANUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
NO
INTEGRAL
MISSING
SPECIFIED
TRANSPORT
LINEARITY
CODES
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
MEDIA,
PRODUCT
ERROR (LSB)
ERROR (LSB)
LEAD
DESIGNATOR
RANGE
MARKING
QUANTITY
Tape and reel,
250
ADS8322Y
±8
14
TQFP-32
PBS
–40°C to +85°C
Tape and reel,
2000
Tape and reel,
250
ADS8322YB
±6
15
TQFP-32
PBS
–40°C to +85°C
Tape and reel,
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
ADS8322
UNIT
+IN to GND
VA + 0.1
V
–IN to GND
+0.5
V
VA to GND
–0.3 to +7
V
Digital input voltage to GND
–0.3 to (VA + 0.3)
V
VOUT to GND
–0.3 to (VA + 0.3)
V
Operating temperature range
–40 to +105
°C
Storage temperature range
–65 to +150
°C
Junction temperature (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
θJA thermal impedance
240
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com