Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5817 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1N5817
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5817 Datasheet(HTML) 4 Page - STMicroelectronics

  1N5817 Datasheet HTML 1Page - STMicroelectronics 1N5817 Datasheet HTML 2Page - STMicroelectronics 1N5817 Datasheet HTML 3Page - STMicroelectronics 1N5817 Datasheet HTML 4Page - STMicroelectronics 1N5817 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1N581x
4/5
0
5
10
15
20
25
30
1E-3
1E-2
1E-1
1E+0
1E+1
IR(mA)
1N5817
1N5818
VR(V)
Tj=100°C
Tj=25°C
Tj=125°C
Fig. 8-1: Reverse leakage current versus reverse
voltage applied (typical values) (1N5817/1N5818).
0
5
10
15
20
30
35
40
1E-3
1E-2
1E-1
1E+0
1E+1
IR(mA)
VR(V)
Tj=100°C
Tj=25°C
Tj=125°C
Fig. 8-2: Reverse leakage current versus reverse
voltage applied (typical values) (1N5819).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.01
0.10
1.00
10.00
IFM(A)
VFM(V)
Tj=25°C
Tj=100°C
Tj=125°C
Fig. 9-1: Forward voltage drop versus forward
current (typical values) (1N5817/1N5818).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.01
0.10
1.00
10.00
IFM(A)
VFM(V)
Tj=25°C
Tj=100°C
Tj=125°C
Fig. 9-2: Forward voltage drop versus forward
current (typical values) (1N5819).
1
10
100
1000
0
5
10
15
20
25
30
IFSM(A)
Number of cycles
F=50Hz
Tj initial=25°C
Fig. 10: Non repetitive surge peak forward current
versus number of cycles.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com