Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS33A Datasheet(PDF) 5 Page - Texas Instruments

Part # AM26LS33A
Description  QML CLASS V RS-422 QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM26LS33A Datasheet(HTML) 5 Page - Texas Instruments

  AM26LS33A Datasheet HTML 1Page - Texas Instruments AM26LS33A Datasheet HTML 2Page - Texas Instruments AM26LS33A Datasheet HTML 3Page - Texas Instruments AM26LS33A Datasheet HTML 4Page - Texas Instruments AM26LS33A Datasheet HTML 5Page - Texas Instruments AM26LS33A Datasheet HTML 6Page - Texas Instruments AM26LS33A Datasheet HTML 7Page - Texas Instruments AM26LS33A Datasheet HTML 8Page - Texas Instruments AM26LS33A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AM26LS33A-SP
www.ti.com
SLLSE22 – FEBRUARY 2010
SWITCHING CHARACTERISTICS
VCC = 5 V, over operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
See Figure 2
20
35
Propagation delay time, low-to-high-level
tPLH
CL = 15 pF,
ns
output
TA = –55°C to 125°C
53
See Figure 2
22
35
Propagation delay time, high-to-low-level
tPHL
CL = 15 pF,
ns
output
TA = –55°C to 125°C
53
See Figure 2
17
25
tPZH
Output enable time to high level
CL = 15 pF,
ns
TA = –55°C to 125°C
38
See Figure 2
20
25
tPZL
Output enable time to low level
CL = 15 pF,
ns
TA = –55°C to 125°C
38
See Figure 2
21
30
tPHZ
Output disable time from high level
CL = 15 pF,
ns
TA = –55°C to 125°C
45
See Figure 2
30
40
tPLZ
Output disable time from low level
CL = 15 pF,
ns
TA = –55°C to 125°C
60
(1)
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AM26LS33A-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com