Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS33AM Datasheet(PDF) 1 Page - Texas Instruments

Part # AM26LS33AM
Description  QML CLASS V RS-422 QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM26LS33AM Datasheet(HTML) 1 Page - Texas Instruments

  AM26LS33AM Datasheet HTML 1Page - Texas Instruments AM26LS33AM Datasheet HTML 2Page - Texas Instruments AM26LS33AM Datasheet HTML 3Page - Texas Instruments AM26LS33AM Datasheet HTML 4Page - Texas Instruments AM26LS33AM Datasheet HTML 5Page - Texas Instruments AM26LS33AM Datasheet HTML 6Page - Texas Instruments AM26LS33AM Datasheet HTML 7Page - Texas Instruments AM26LS33AM Datasheet HTML 8Page - Texas Instruments AM26LS33AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
J PACKAGE
(TOP VIEW)
AM26LS33A-SP
www.ti.com
SLLSE22 – FEBRUARY 2010
QML CLASS V RS-422 QUADRUPLE DIFFERENTIAL LINE RECEIVER
Check for Samples: AM26LS33A-SP
1
FEATURES
•
AM26LS33A Devices Meet or Exceed the
•
Rad-Tolerant: 25 kRad (Si) TID (1)
Requirements of ANSI TIA/EIA-422-B,
TIA/EIA-423-B, and ITU Recommendations V.10
and V.11
•
±15-V Common-Mode Range With ±500-mV
Sensitivity
•
Input Hysteresis . . . 50 mV Typical
•
Operate From a Single 5-V Supply
•
Low-Power Schottky Circuitry
•
3-State Outputs
•
Complementary Output-Enable Inputs
•
Input Impedance . . . 12 k
Ω Minimum
•
Designed to Be Interchangeable With
Advanced Micro Device AM26LS33™
(1)
Radiation tolerance is a typical value based upon initial device
•
QML-V Qualified, SMD 5962-78020
qualification with dose rate = 10 mrad/sec. Radiation Lot
•
Military Temperature Range (-55°C to 125°C)
Acceptance Testing is available - contact factory for details.
DESCRIPTION
The AM26LS33A is a quadruple differential line receiver for balanced and unbalanced digital data transmission.
The enable function is common to all four receivers and offers a choice of active-high or active-low input. The
3-state outputs permit connection directly to a bus-organized system. Fail-safe design ensures that, if the inputs
are open, the outputs always are high.
Compared to the AM26LS33, the AM26LS33A incorporates an additional stage of amplification to improve
sensitivity. The input impedance has been increased, resulting in less loading of the bus line. The additional
stage has increased propagation delay; however, this does not affect interchangeability in most applications.
The AM26LS33A is characterized for operation over the temperature range of –55°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
CDIP - J
5962-7802007VEA
5962-7802007VEA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AM26LS33AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS33AM TI-AM26LS33AM Datasheet
145Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS33AM TI-AM26LS33AM Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS33AM TI-AM26LS33AM Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS33AM TI1-AM26LS33AM Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS33AM TI-AM26LS33AM Datasheet
1Mb / 36P
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED SEPTEMBER 2016
More results

Similar Description - AM26LS33AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Texas Instruments
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS33A-SP TI1-AM26LS33A-SP Datasheet
345Kb / 14P
QML CLASS V RS-422 QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC175A-EP TI1-SN65LBC175A-EP Datasheet
348Kb / 21P
Quadruple RS-485 Differential Line Receiver
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC175A-EP TI1-SN65LBC175A-EP_18 Datasheet
350Kb / 21P
Quadruple RS-485 Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com