Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH16TP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSH16TP
Description  Panel Circuit Indicator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH16TP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSH16TP Datasheet HTML 1Page - Toshiba Semiconductor TLSH16TP Datasheet HTML 2Page - Toshiba Semiconductor TLSH16TP Datasheet HTML 3Page - Toshiba Semiconductor TLSH16TP Datasheet HTML 4Page - Toshiba Semiconductor TLSH16TP Datasheet HTML 5Page - Toshiba Semiconductor TLSH16TP Datasheet HTML 6Page - Toshiba Semiconductor TLSH16TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL(RMH,SH,OH,YH)16TP(F)
2007-10-01
2
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRMH16TP(F)
626
(636)
13
20
476
1500
20
1.9
2.4
20
50
4
TLSH16TP(F)
613
(623)
13
20
850
1900
20
2.0
2.4
20
50
4
TLOH16TP(F)
605
(612)
13
20
850
2300
20
2.0
2.4
20
50
4
TLYH16TP(F)
587
(590)
13
20
850
2200
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com