Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-0603SP-R Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SF-0603SP-R
Description  SF-0603SP-R SeriesMetal Foil SMD Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603SP-R Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SF-0603SP-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603SP-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603SP-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603SP-R Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603SP-R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF-0603SP-R Series – Metal Foil SMD Fuses
Solder Reflow Recommendations
Profile Feature
Pb-Free Assembly
Preheat / Soak:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150 °C
200 °C
60~120 seconds
Ramp Up Rate (TL to Tp)
3 °C / second max.
Liquidous Temperature (TL)
Time (tL) maintained above TL
217 °C
60~150 seconds
Peak Package Body
Temperature (Tp)
260 °C
Time (tp)* within 5 °C of the
specified classification temperature (Tc) 30 seconds*
Ramp Down Rate (Tp to TL)
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
260
150
10 sec. max.
PREHEATING
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
120 seconds
TIME
* Tolerance for peak profile temperature (Tp) is defined as a
supplier minimum and a user maximum.
REV. 02/24
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com