Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-1206S-R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-1206S-R
Description  SF-1206S-R Series – Metal Foil SMD Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206S-R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-1206S-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206S-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206S-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206S-R Datasheet HTML 4Page - Bourns Electronic Solutions SF-1206S-R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SF-1206S-R Series – Metal Foil SMD Fuses
Features
n
Metal foil chip design for overcurrent
protection
n
EIA 1206 (3216 metric) footprint
n
Small chip size with high current rating up
to 20 A
n
Agency recognition:
n
RoHS* compliant and halogen free**
Applications
n
Data centers
n
Industrial
n
Medical (low to medium risk)***
n
Telecom
n
Battery Management Systems (BMS)
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Clearing Time Characteristics for Series
% of Current Rating
Clearing Time at 25 °C
Min.
Max.
100 %
4 hours
—
250 %
—
5 seconds
350 %
—
1 second
Electrical Characteristics
Model
Rated Current
(A)
Resistance
(Ω) Typ.1
Rated
Voltage
Interrupting
Rating
Typical
I2t (A2s)2
Certifications
cUL: E198545
SF-1206S1000R-2
10
0.004
32 VDC
100 A @ 32 VDC
21.3
3
SF-1206S1200R-2
12
0.0032
29.7
3
SF-1206S1500R-2
15
0.0026
49.1
3
SF-1206S2000R-2
20
0.00215
70.9
3
Notes:
1. Resistance value measured with ≤10 % rated current at 25 °C ambient. Tolerance ±25 %.
2. Melting I2t calculated at 0.001 second pre-arcing time.
Environmental Characteristics
Operating Temperature
-55 °C to +125 °C
Storage Conditions
Temperature
+5 °C to +35 °C
Humidity
40 % to 75 %
Moisture Sensitivity Level
1
ESD Classification
Class 6
Current Rating Thermal Derating Curve
140
120
100
80
60
40
20
0
-75
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
***Bourns® products have not been designed and are not intended for use in “lifesaving,” “life-critical,” or “life-sustaining” applications nor any other applications where failure or
malfunction of the Bourns® product may result in personal injury or death. See Legal Disclaimer Notice on the last page of this document or at http://www.bourns.com/docs/legal/
disclaimer.pdf
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - SF-1206S-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S-M BOURNS-SF-1206S-M Datasheet
263Kb / 6P
SF-1206S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. F 03/21
SF-1206S-W BOURNS-SF-1206S-W Datasheet
261Kb / 6P
SF-1206S-W Series - Slow Blow Wire Core Surface Mount Fuses
REV. D 03/21
More results

Similar Description - SF-1206S-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S150-2 BOURNS-SF-1206S150-2 Datasheet
353Kb / 4P
SF-1206S Series - Slow Blow Surface Mount Fuses
SF-1206S080-2 BOURNS-SF-1206S080-2 Datasheet
353Kb / 4P
SF-1206S Series - Slow Blow Surface Mount Fuses
SF-1206S125-2 BOURNS-SF-1206S125-2 Datasheet
353Kb / 4P
SF-1206S Series - Slow Blow Surface Mount Fuses
SF-0603SPA-R BOURNS-SF-0603SPA-R Datasheet
796Kb / 5P
SF-0603SPA-R Series – Automotive Grade SMD Fuses
03/22
SF-1206S-M BOURNS-SF-1206S-M Datasheet
263Kb / 6P
SF-1206S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. F 03/21
SF-1206SA-R BOURNS-SF-1206SA-R Datasheet
807Kb / 5P
SF-1206SA-R Series – Automotive Grade SMD Fuses
03/22
SF-1206S-W BOURNS-SF-1206S-W Datasheet
261Kb / 6P
SF-1206S-W Series - Slow Blow Wire Core Surface Mount Fuses
REV. D 03/21
SF-2923HC BOURNS-SF-2923HC Datasheet
250Kb / 6P
SF-2923HC-C Series – High Current SMD Fuses
REV. 04/21
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
SF-3812SP-T BOURNS-SF-3812SP-T Datasheet
260Kb / 6P
SF-3812SP-T Series – Time Lag SMD Fuses
REV. 04/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com