Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5818 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1N5818
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5818 Datasheet(HTML) 1 Page - STMicroelectronics

  1N5818 Datasheet HTML 1Page - STMicroelectronics 1N5818 Datasheet HTML 2Page - STMicroelectronics 1N5818 Datasheet HTML 3Page - STMicroelectronics 1N5818 Datasheet HTML 4Page - STMicroelectronics 1N5818 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
1N581x
July 2003 - Ed: 4A
LOW DROP POWER SCHOTTKY RECTIFIER
®
Axial Power Schottky rectifier suited for Switch
Mode Power Supplies and high frequency DC to
DC converters. Packaged in DO41 these devices
are intended for use in low voltage, high frequency
inverters, free wheeling, polarity protection and
small battery chargers.
DESCRIPTION
n
VERY SMALL CONDUCTION LOSSES
n
NEGLIGIBLE SWITCHING LOSSES
n
EXTREMELY FAST SWITCHING
n
LOW FORWARD VOLTAGE DROP
n
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
1N5817 1N5818 1N5819
VRRM
Repetitive peak reverse voltage
20
30
40
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
TL = 125°C
δ = 0.5
1A
IFSM
Surge non repetitive forward
current
tp=10ms
Sinusoidal
25
A
PARM
Repetitive peak avalanche
power
tp = 1µs
Tj = 25°C
1200
1200
900
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values)
IF(AV)
1A
VRRM
40 V
Tj
150°C
VF (max)
0.45 V
MAIN PRODUCTS CHARACTERISTICS
DO41
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink


Similar Part No. - 1N5818

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5818 MOTOROLA-1N5818 Datasheet
96Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Pan Jit International I...
1N5818 PANJIT-1N5818 Datasheet
98Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5818 SURGE-1N5818 Datasheet
66Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
1N5818 TRSYS-1N5818 Datasheet
143Kb / 2P
1AMPERE SCHOTTKY BARRIER RECTIFIER
logo
Wing Shing Computer Com...
1N5818 WINGS-1N5818 Datasheet
244Kb / 2P
SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
More results

Similar Description - 1N5818

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com